Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 23Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 24Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 25Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 26Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 27Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 28Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 29Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 30Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
3-7
3.2
Maximum Ratings
Table 3-2. Maximum Ratings
Parameter
Symbol
Limits
Unit
VDD Digital Power
VDD
-0.5 to +4.6
V
Battery Power
VRTC
-0.5 to +4.6
V
VDRAM
-0.5 to +4.6
V
VGG Digital Power
VGG
-0.5 to +6.0
V
Digital GND
GND
-0.5 to +0.5
V
Digital Input (3V)
VI
-0.5 to +4.6
V
Digital Input (5VT)
VI
-0.5 to +6.0
V
Operating Temperature Range
T
0 to 70
oC
(Commercial)
Storage Temperature Range
Tstg
-40 to 80
oC
Voltage Applied to Outputs
in High Z State (3V)
VHz
-0.5 to 4.6
V
Voltage Applied to Outputs
in High Z State (5VT)
VHz
-0.5 to 6.0
V
Static Discharge Voltage
( 25
oC)
ESD
+2500
V
Latch-up Current ( 25
oC)
Itrig
+400
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com