Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 50 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 50 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 46Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 47Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 48Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 49Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 50Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 51Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 52Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 53Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 54Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
4-20
Conexant
100723A
Table 4-4. Cache Tag Data Format (for Test Mode Read/Write Operation)
Cache Tag Data Format
Bits
Description
31
LRU bit, accessible only through Way 0 Tag Read
30:23
Unused Bits
22
Lock
21
Valid
20:0
A[31:11]
4.2.1.3
Cache RAM
The Cache RAM consists of four 512 X 16 Asynchronous Static RAM modules, and they are organized into two
512 words (32 bit/word) to support two way set associative. The memory map for direct accesses while in Test
Mode or Lock Mode is as follows:
WAY 0: $01FE0000-$01FE07FF
WAY 1: $01FE0800-$01FE0FFF
4.2.1.4
Cache Tags
The Cache Tags are defined as follows:
Valid (1 bit):
A 1 in this bit indicates that the Tags and data at the addressed Cache Line are both valid.
Neither Tags nor data have meaning if this bit is 0. Upon power up, the tag memories will
undergo an automatic flush operation that requires 128 clocks. During the flush operation, the
cache is disabled.
Lock (1 bit):
A 1 in this bit indicates that the Tags and data at the addressed Cache Line are both valid and
locked and should not be replaced when a Cache miss is detected.
LRU (1 bit):
Indicates that the Tags and data at the addressed Cache line (if not locked) at Way 0 can be
replaced if this bit is 0. If this bit is a 1, the Cache Line and Tags in Way 1 should be chosen for
replacement.
Unused (8 bits): Unused bits are undefined.
A[31:11]:
Address Tag bits which together with Cache address (A[10:4]), uniquely identify a Cache Line in
the entire 32-bit physical address space.
The Cache Tags are memory mapped to the following address space (not fully utilized) when in the Test Mode or
Lock Mode :
WAY 0: $01FE1000-$01FE17FF
WAY 1: $01FE1800-$01FE1FFF
It should be noted that bits 2-3 of the addresses are not decoded during the Tag entry accesses, i.e., $sa+00,
$sa+04, $sa+08, and $sa+0C all access the same Tag entry.
4.2.1.5
Accessing the Cache
To access the Cache during an instruction fetch, the Cache Controller performs the normal cache operation. If
accesses are performed during Test mode or Lock mode, the Tag RAM and Cache RAM are treated as regular
memories.
If the Cache is enabled, regardless of cache hit or miss, the Cache Controller asserts one wait state for every
non-sequential cycle to start the instruction fetch cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com