Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 124 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 124 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 120Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 121Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 122Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 123Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 124Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 125Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 126Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 127Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 128Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
4-94
Conexant
100723A
Address:
cscontenb
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
DMA Count Enable
(DMACntConfig)
$xx81C5
Not Used
Not Used
Not Used
Not Used
Not Used
DMA 12
Count
Enable
DMA 11
Count
Enable
DMA 10
Count
Enable
Rst. Value
07h
Read
Value 07h
Address:cscontenb Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
DMA Count Enable
(DMACntConfig)
$xx81C4
DMA 9
Count
Enable
DMA 8
Count
Enable
DMA 7
Count
Enable
DMA 6
Count
Enable
DMA 5
Count
Enable
DMA 4
Count
Enable
DMA 1
Count
Enable
Not Used
Rst. Value
FEH
Read
Value FEH
•
DMA Address Count Enable Control. The Count Enable control bit allows the user to enable address Count
after each DMA access. If the Count Enable control bit is not set the address will remain fixed.
Address:
cscontenb
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
DMA Endian Control
(DMAEndian)
$xx81C7
Not Used
Not Used
Not Used
DMA 12
Endian
Control
DMA 11
Endian
Control
DMA 10
Endian
Control
DMA 9
Endian
Control
DMA 8
Endian
Control
Rst. Value
00h
Read
Value 00h
Address:cscontenb Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
DMA Endian Control
(DMAEndian)
$xx81C6
DMA 7
Endian
Control
DMA 6
Endian
Control
DMA 5
Endian
Control
DMA 4
Endian
Control
DMA 3
Endian
Control
DMA 2
Endian
Control
DMA 1
Endian
Control
Not Used
Rst. Value
00H
Read
Value 00H
•
DMA Address Endian Control. If the Endian Control Bit is set to a 1, the data structure will be changed
between the Little Endian mode and the Big Endian mode.
The current data structure
The changed data structure
address 00: Byte 0
!"
address 11: Byte 0
address 01: Byte 1
!"
address 10: Byte 1
address 02: Byte 2
!"
address 01: Byte 2
address 03: Byte 3
!"
address 00: Byte 3
For DMA 1 (the external DMA channel) and DMA 2 (programmed as external DMA channel), this endian control
can’t be used for accessing external memory (the associated bit needs to be set to 0). If the external I/O device
tries to get/put data from/to internal memory or registers, this endian control can be used with no problem. For
example, if the external print ASIC tries to get data from the internal bit rotation block through DMA 2, this endian
control can be used with no problem. If the external print ASIC tries to get data from the external memory through
DMA 2, this endian control can’t be used. In this case, the right endian structure should be prepared when the
data is put into the external memory through the other process and DMA channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com