Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 108 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 108 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 104Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 105Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 106Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 107Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 108Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 109Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 110Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 111Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 112Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
4-78
Conexant
100723A
Each of the DMA channels, its function, and its characteristics are provided in Table 4-17.
Table 4-17. DMA Channel Functions and Characteristics
DMA
Channel
Function
Characteristics
0
1
USB data to/from memory for
PC print, PC fax TX, PC Fax
RX, PC scan
DMA Block Size Limit with CPU Interrupt via PIO/USB Interrupt,
4 logical DMA Channels, DMA address and Block Size double buffered, each Read/Write
selectable, halfword DMA data access only.
1
External DMA access only.
Normal and delayed ACK, Read/Write selectable, byte and halfword DMA data access
selectable.
2
External DMA Request only
Bit Rotation Access
(Output)
Address Jump Control, DMA Block Size Limit with Interrupt to IRQ Controller, Burst Mode,
Double Buffered Control Registers
Read/Write, External Request (Generates a DisDrive to disable the Bus IF output drivers to
for external memory writes.) External Request to the DMA controller may be delayed from
1 to 2 clocks for synchronization.
3
Bit Rotation Access (Input)
Address Jump Control (Controlled by Bit Rotation Block see table4.8.2-1)
Read Only, Internal Request. (MAS is always set to ½ word)
4
Countach to ARM Memory
(c2a)
Data write only, halfword DMA data access only
5
ARM Memory to Countach
(a2c)
Data read only, DMA Block Size Limit (16 kB), Interrupt to IRQ Controller
halfword DMA data access only.
6
Read/Write T4 Uncoded data
from/to Line Buffer to/from T4
Logic
Throttle Control
Read/Write, Internal Request
(MAS is always set to ½ word)
7
Read T.4 Reference Line from
the Line Buffer to T.4 logic
Read Only, Internal Request
(MAS is always set to ½ word)
8
T4 Resolution Converted data,
Line Buffer Access
Disable Address Count for read modify write
Read/Write, Internal Request, Read Modify Write Control
(MAS is always set to ½ word)
9
Bi-level resolution conversion
logic
DMA Block Size Limit. Interrupt to IRQ Controller
(MAS is always set to ½ word)
10
Read/Write T4 Coded data
from/to Page Memory to/from
T4 Logic
Throttle control
Address Block Size Limit, Interrupt to IRQ Controller
Read/Write, Internal Request
(MAS is always set to ½ word)
11
P1284 to Memory
DMA Block Size Limit with CPU Interrupt via PIO Interrupt,
Read/Write (Control Bit), Internal Request
12
Memory to P1284
DMA Block Size Limit with CPU Interrupt via PIO Interrupt,
Read/Write (Control Bit), Internal Request
(MAS is always set to ½ word)
Notes:
1.
DMA Channel 0 has the highest priority.
2.
"AD" means address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com