Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 102 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 102 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 98Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 99Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 100Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 101Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 102Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 103Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 104Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 105Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 106Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
4-72
Conexant
100723A
4.6
Flash Memory Controller
The Flash memory controller provides an interface for both NAND and NOR type flash memory devices. Up to
two NOR type Flash memory devices or two NAND type devices can be connected to the ASIC. FCS0n and
FCS1n pins are the flash memory control pins. FWRn and FRDn are the flash read and write signals for NAND
type devices. Additional pins are required to interface to NAND type flash memory devices. GPIO pins can be
used as NAND type flash memory control signals.
Figure 4-30 shows the structure of the flash controller. It consists of an address and chip select generator block
and a read/write control block. The address and chip select generator block provides up to 21 address lines and 2
chip select signals for the flash memory devices. The read/write control block provides read and write strobes for
NAND type devices.
4.6.1
Supported Flash Memory
The flash memory controller supports the following types of Flash memory and their equivalents:
Flash Memory
Size
Type
INTEL
28F400BL/28F004BL-150
512 kB
NOR type
28F400BX/28F004BX-80, -120
512 kB
NOR type
AMD
Am29F040-70, -90, -120, -150
512 kB
NOR type
Samsung
KM29N040/080-150
512 kB/1 MB
NAND type
Note:
This ASIC also supports 1MB and 2MB NOR-type flash memory if the specified timing
can be matched.
4.6.2
Functional Description
4.6.2.1
Interfacing Flash Memory
The two types of flash memory that are supported require separate interface control options. NOR type devices
are bus oriented and can be connected to the CPU bus. The ASIC provides address signals to access the
memory space and provides the chip select signals. NAND type devices are special purpose peripherals with a
specialized interface requiring no address bus signals. The ASIC will use dedicated pins and GPIO pins to
interface with the NAND flash control and status lines.
4.6.2.2
NOR Type Flash Memory
NOR type devices can be used for both firmware code memory and for data memory. Accesses are performed
using normal bus operations. Reading data is performed with a bus read. Programming bytes or erasing sectors
requires multiple bus cycles. The CPU writes the command sequences required by the flash memory; then it polls
the flash memory’s status until the operation is complete.
The data address space is available in two separate blocks; the first block of memory is from 00800000h to
009FFFFFh (2Mbyte block) and the other is from 00A00000h to 00BFFFFFh (2Mbyte block). When the CPU
accesses the address range 00800000h - 009FFFFFh, FCS0n is activated. When the CPU accesses the address
range 00A00000h - 00BFFFFFh, FCS1n is activated. When using FCS0n and FCS1n for NOR-type flash
memory, the NAND-type bit (bit 6) of the FlashCtrl register must be set to 0. The FlashCtrl register is described in
the SIU section of the Hardware Description.
The NOR type flash interface consists of:
•
FCSn[1:0]: The two flash device selection signals. To use FCSn[1:0], bit 6 of the FlashCtrl register must be
set to 0.
•
A[20:0]: The external address bus for 2MB address range.
•
RDn and WREn/WROn: The external bus read and write strobes.
•
D[15:0]: The external data bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com