Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 309 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 309 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 305Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 306Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 307Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 308Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 309Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 310Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 311Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 312Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 313Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
16-11
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
USBEP3Tran
(W)
$01FF85BF
Ep3 Transition Register
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
USBEP3Tran
(W)
$01FF85BE
Ep3 Transition Register
Bit 15-0:
Not used
Writing any value to this register causes a push or pop of data through
the FIFO data port and the FIFO Quad Halfword 1-4 registers. The
FIFO operation depends on the direction of data flow. If system bus
(CPU or DMA) is writing (filling) the FIFO, data is transferred from the
FIFO data port register to the FIFO Quad Halfword 1 register,
simultaneously with data transfer from Quad Halfword 1 to Quad
Halfword 2, Quad Halfword 2 to Quad Halfword 3, and Quad Halfword
3 to Quad Halfword 4, with the original data of Quad Halfword 4 being
lost. If the system bus is reading (emptying) the FIFO, data is
transferred from the FIFO Quad Halfword 1 register to the FIFO data
port register, simultaneously with data transfer from Quad Halfword 2
to Quad Halfword 1, Quad Halfword 3 to Quad Halfword 2, and Quad
Halfword 4 to Quad Halfword 3, with the contents of Quad Halfword 4
becoming indeterminate.
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
USBEP4Fifo1
(R)
$01FF85C1
EP4 Fifo Half Word 1
Reset. Value
00h
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
USBEP4Fifo1
(R)
$01FF85C0
EP4 Fifo Half Word 1
Reset. Value
00h
Read Value
00h
Bits 15-0:
Endpoint 4 FIFO Quad Half word 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com