Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 182 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 182 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 178Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 179Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 180Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 181Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 182Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 183Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 184Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 185Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 186Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
7-34
Conexant
100723A
Manufacturer
NEC
Interface:
Part #
•PD3724
Scanner
Description
MFC2000
Type
CCD
LED control
LEDCtrl[0]
Resolution
300 dpi
•TG[3:1]
Start pulse
start[0]
Pixels
2700 x 3
SEL1
Color selector1
LEDCtrl[1]
Scan time (color)
SEL2
Color selector2
LEDCtrl[2]
Scan time (B/W)
•RB
Reset clock
clk2a
Data Rate
3 MHz (max)
•1, •1L
Shift register clock 1
clk1
Main clock ‘H’ duty
50 %
•2•••2L
Shift register clock 2
clk1
Timing:
dotscaler_ctr
ihsclk
dotperiod_ctr
0
6
0
clk1
50 ns
start[0]
LineTime =1.5 ms
scanin
SigTime = 0.945 ms
LEDCtrl[0]
can be modulated
envelope of analog signal
pixel counter
0
2700
PixelTime = 350 ns
1
2
3
4
5
6
0
1
2
3
4
4285
ExpTime = 1.48 ms
5
6
inv(clk1)
clk2a
14 dummy + 49 black + 2 invalid pixels
4224
0
clk1
3150 ns
(guardband)
350 ns
start[0]
1050 ns
(offset)
1050 ns
1050 ns
(length)
LEDCtrl[2:1]
2
3
1
Figure 7-18. Untitled Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com