Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC823450 Datasheet(PDF) 103 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 103 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 99Page - ON Semiconductor LC823450 Datasheet HTML 100Page - ON Semiconductor LC823450 Datasheet HTML 101Page - ON Semiconductor LC823450 Datasheet HTML 102Page - ON Semiconductor LC823450 Datasheet HTML 103Page - ON Semiconductor LC823450 Datasheet HTML 104Page - ON Semiconductor LC823450 Datasheet HTML 105Page - ON Semiconductor LC823450 Datasheet HTML 106Page - ON Semiconductor LC823450 Datasheet HTML 107Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 112 page
background image
LC823450
www.onsemi.com
103
INTERNAL POWER DOMAIN CONTROL
This LSI has eight power isolated region of internal core
for leakage current reduction, these can be power supply
OFF separately. Power isolated region ISOLATED−X (X
means one of the eight region ISOLATED A to I.
ISOLATED F doesn’t exist) described in Figure 37. Power
ON / OFF for each power domain is controlled by the
appropriate bit of System Controller of power control
register (LSISTBY). However, to control the power control
register (LSISTBY), also control ISOLATION control
register (ISOCNT) as necessary. Please refer to the
ProgrammersModel_SystemController for details.
Each power isolation region and its contents, the flag of
the corresponding power control register (LSISTBY) and
power control register (LSISTBY) is as follows.
Table 59.
Name
Content
LSISTBY
ISOCNT
ISOLATED−A
Audio Block
Bit0 STBYA
Bit0 ISOCNTA
ISOLATED−B
Internal SRAM(seg 3/4/5)
Bit0 STBYB
Bit0 ISOCNTB
ISOLATED−C
Internal SRAM(seg 6/7/8)
Bit0 STBYC
Bit0 ISOCNTC
ISOLATED−D
Internal SRAM(seg 9)
220KB LPDSP32 ROM
Bit0 STBYD
Bit0 ISOCNTD
ISOLATED−E
USB 2.0 Holt Controller
SRAM for USB
Bit0 STBYE
Bit0 ISOCNTE
ISOLATED−G
Cache for S−Flash I/F
Bit0 STBYG
Bit0 ISOCNTG
ISOLATED−H
SD Card I/F
Memory Stick I/F
Bit0 STBYH
Bit0 ISOCNTH
ISOLATED−I
Internal ROM 256KB
Bit0 STBYI
Bit0 ISOCNTI
POWER SUPPLY SEQUENCE
Background
The basic sequence of power on/off of power supply is the
following order.
(Simultaneous power on/off is acceptable)
• Power on Vdd*(Internal) → Vdd*(IO) → Vsig(Signal)
• Power off Vsig(Signal) → Vdd*(IO) → Vdd*(Internal)
Power on of Vdd*(IO) while Vdd *(Internal) are power
off might generate the glitch on IO signals and flow of
through current.
To avoid it, the sequence mentioned above is recommended
as the basic sequence.
Recommendation
Following sequence is recommended (Simultaneous
power on/off is acceptable).
• Power on 1 → 2 → Vsig(signal)
• Power off Vsig(signal) → 2 → 1
NOTE:
The sequence of
1(Internal) → 2(IO) causes LSI
hard reset and prevent from making IO glitch
3(RTC) has dedicated power supply and
sequence which is described on the following
section.
Power Supply Group
1. Internal core, analog power supply (1V power
supply)
Vdd1, VddXT1, AVddPLL1, AVddPLL2,
AVddUSBPHY1, DVddUSBPHY1
2. External IO power supply (3V power supply)
Vdd2, VddSD0, VddSD1, VddSD2, VddQSPI
AVddUSBPHY2, AVddADC, AVddPLL3
AVddDAMPL, AVddDAMPR
3. RTC power supply
VddRTC
(Dedicated power supply and sequence is dedicated
power on/off sequence is described in the following
sections)
RTC Terminal Control Sequence
A power supply sequence and other terminal control
sequence of RTC are described as follows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com