Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC823450 Datasheet(PDF) 106 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 106 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 102Page - ON Semiconductor LC823450 Datasheet HTML 103Page - ON Semiconductor LC823450 Datasheet HTML 104Page - ON Semiconductor LC823450 Datasheet HTML 105Page - ON Semiconductor LC823450 Datasheet HTML 106Page - ON Semiconductor LC823450 Datasheet HTML 107Page - ON Semiconductor LC823450 Datasheet HTML 108Page - ON Semiconductor LC823450 Datasheet HTML 109Page - ON Semiconductor LC823450 Datasheet HTML 110Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 112 page
background image
LC823450
www.onsemi.com
106
THE GUIDANCE OF POWER SUPPLY CONTROL (RECOMMENDATION)
Power supply control should keep at least one of the
guidances below, and make sure no problem for mass
production based on customer side evaluations.
The Guidence in Terms of Power on Wave Form
Power on wave form should keep the guidance below.
Figure 59.
No care
0 V
0.6 V or less
More than 600
μs
Power supply electric potential
− 0.1 V
When the voltage suddenly stands up at the time of power
supply injection, please make the voltage to arrive at it less
than 0.6 V. Please spend time beyond 600
μs and increase the
voltage from the voltage which rose momentarily to the
power supply electric potential – 0.1 V. When the voltage
does not suddenly rise and stands up to power supply electric
potential linearly, please spend time beyond 600
μs and
increase the voltage from 0 V to the power supply electric
potential.
The Guidence in Terms of the Placement of Bypass
Condenser
Place bypass condenser 0.1
μF or more at the nearest point
of each power supply pin, and place power circuit at the
nearest point of power supply pin.
Parasitic inductance L1 and L2 should be equal to or below
the value described in the table below. In addition, as for the
value of L1 of the WLP package, it becomes the value that
added 4nH to value of L1 of the table.
The inductance can be calculated from the width:W[mm],
thickness: H[mm] and length: L[mm] of wiring on board,
and affect layour of this LSI and bypass condenser.
Refer to “The formula to calculate parasitic inductance”
to calculate indactance.
Figure 60.
This LSI
power
circuit
L1
Bypass capacitor
L2
Table 60.
TQFP
(Pin No)
WLP
(Ball)
PIN NAME
L1
L2
Bypass
Capacitor
Power Supply Range
69
A2
VDD2
4 nH
50 nH
0.1
μF
under 2 V case
1.5 nH
50 nH
0.1
μF
equal 2 V or more case
75
A5
AVDDUSBPHY1
4 nH
80 nH
0.1
μF
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com