Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC823450 Datasheet(PDF) 104 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 104 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 100Page - ON Semiconductor LC823450 Datasheet HTML 101Page - ON Semiconductor LC823450 Datasheet HTML 102Page - ON Semiconductor LC823450 Datasheet HTML 103Page - ON Semiconductor LC823450 Datasheet HTML 104Page - ON Semiconductor LC823450 Datasheet HTML 105Page - ON Semiconductor LC823450 Datasheet HTML 106Page - ON Semiconductor LC823450 Datasheet HTML 107Page - ON Semiconductor LC823450 Datasheet HTML 108Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 112 page
background image
LC823450
www.onsemi.com
104
General RTC Mode (RTCMODE = 1)
When only RTC operates, it is necessary to detect the drop
of the voltage of Vdd1 and Vdd2 power supply, and set
BACKUPB to Low which isolates VddRTC Domain from
Vdd1 Domain.
Moreover, it is necessary to detect the drop of the voltage
of VddRTC power supply, and set VDET to Low. (The RTC
operation stops).
Figure 56.
BACKUPB
0.2
× VDDRTC
VDDRTC
Min 0 ns
0.2
× VDDRTC
VDET
VDDRTC
VDD1
VDD1
XIN32K
…
0.7
× VDDRTC
0.2
× VDDRTC
NRES
0.25
× VDD2
VDD2
VDD2
2.7 V
Min 0 ns
1 & 2 is a reset condition of the
internal logic circuit.
Please refer to a chapter of Power
supply sequence during the
period when you should meet
these 2 conditions.
0.93 V
Min 0 ns
102.
Internal control logic for isolation.
1
2
Figure 57.
103.
VDD1 can be shut down while BACKUPB = Low
BACKUPB
ALL OUTPUT
ALL INPUT
ALL INPUT
ALL OUTPUT
VDD1 Domain
VDDRTC Domain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com