Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 122 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 122 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 118Page - Exar Corporation XRT7250 Datasheet HTML 119Page - Exar Corporation XRT7250 Datasheet HTML 120Page - Exar Corporation XRT7250 Datasheet HTML 121Page - Exar Corporation XRT7250 Datasheet HTML 122Page - Exar Corporation XRT7250 Datasheet HTML 123Page - Exar Corporation XRT7250 Datasheet HTML 124Page - Exar Corporation XRT7250 Datasheet HTML 125Page - Exar Corporation XRT7250 Datasheet HTML 126Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
103
insert flag sequence octets into the outbound LAPD chan-
nel, during the idle periods between transmissions.
Bit 2 - TxDL Busy
This Read-Only bit-field allows the user to poll or
monitor the status of the LAPD Transmitter to see if it
has completed its transmission of the LAPD Message
frame. The LAPD Transmitter will set this bit-field to
"1", while it is in the process of transmitting the LAPD
Message frame. However, the LAPD Transmitter will
clear this bit-field to "0" once it has completed its
transmission of the LAPD Message frame.
Bit 1 - TxLAPD Interrupt Enable
This Read/Write bit-field allows the user to enable or
disable the LAPD Message frame Transmission Com-
plete interrupt.
Writing a "0" to this bit-field disables this interrupt.
Writing a "1" to this bit-field enables this interrupt.
Bit 0 - TxLAPD Interrupt Status
This Reset-upon-Read bit-field allows the user to de-
termine if the LAPD Message Frame Transmission
Complete interrupt has occurred since the last read of
this register. If this bit-field contains a "1" then the
LAPD Message Frame Transmission Complete inter-
rupt has occurred since the last read of this register.
Conversely, if this bit-field contains a "0" then it has
not.
2.3.7.4
Transmit E3 Service Bits Register (ITU-
T G.751)
Bit 1 - A Bit
This Read/Write bit-field permits the user to define
the value of the A Bit within a given outbound E3
frame. If the user has configured the source of the A
Bit to be the TxE3 Service Bits Register (by setting
TxASource[1:0] = 00, within the TxE3 Configuration
Register, Address = 0x30), then the value written in
this bit-field will specify the value of the A Bit within
the outbound E3 Frame.
Bit 0 - N Bit
This Read/Write bit-field permits the user to define
the value of the N Bit within a given outbound E3
frame. If the user has configured the source of the N
Bit to be the TxE3 Service Bits Register (by setting
TxNSource[1:0] = 00, within the TxE3 Configuration
Register, Address = 0x30), then the value written in
this bit-field will specify the value of the N Bit within
the outbound E3 Frame.
2.3.7.5
Transmit E3 FAS Mask Register - 0
(ITU-T G.751)
Bits 4 - 0, TxFAS_Error_Mask_Upper[4:0]
This Read/Write bit-field permits the user to insert er-
rors into the upper five bits of the Framing Alignment
Signal, FAS of each outbound E3 frame. The user
may wish to do this for equipment testing purposes.
Prior to transmission, the Transmit E3 Framer block
reads in the upper five (5) bits of the FAS value, and
performs an XOR operation with it and the contents of
this register. The results of this operation are written
back into the upper five (5) bits of the FAS value, in
each outbound E3 frame. Consequently, to insure er-
rors are not injected into the FAS of the outbound E3
frames, the contents of this register must be set to all
"0’s" (the default value).
2.3.7.6
Transmit E3 FAS Error Mask Register -
1 (ITU-T G.751)
TXE3 SERVICE BITS REGISTER (ADDRESS = 0X35)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
A Bit
N Bit
RO
RO
RO
RO
RO
RO
R/W
R/W
0
0000
010
TXE3 FAS ERROR MASK REGISTER - 0 (ADDRESS = 0X48)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
TxFAS_Error_Mask_Upper[4:0]
RO
RO
RO
R/W
R/W
R/W
R/W
R/W
0
0000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com