Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 125 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 125 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 121Page - Exar Corporation XRT7250 Datasheet HTML 122Page - Exar Corporation XRT7250 Datasheet HTML 123Page - Exar Corporation XRT7250 Datasheet HTML 124Page - Exar Corporation XRT7250 Datasheet HTML 125Page - Exar Corporation XRT7250 Datasheet HTML 126Page - Exar Corporation XRT7250 Datasheet HTML 127Page - Exar Corporation XRT7250 Datasheet HTML 128Page - Exar Corporation XRT7250 Datasheet HTML 129Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
106
ITU-T G.751 applications) or BIP-8 Errors (for E3/
ITU-T G.832 applications) that have been detected by
the Receive DS3/E3 Framer, since the last read of
these registers. This register contains the MSB (or
Upper-Byte) value of this 16 bit expression.
2.3.8.6
PMON Parity Error Count Register -
LSB
This Reset-upon-Read register, along with the PMON
Parity Error Count Register - MSB (Address = 0x54)
contains a 16-bit representation of the number of P-
bit Errors (for DS3 applications), BIP-4 Errors (for E3/
ITU-T G.751 applications) or BIP-8 Errors (for E3/
ITU-T G.832 applications) that have been detected by
the Receive DS3/E3 Framer, since the last read of
these registers. This register contains the LSB (or
Lower-Byte) value of this 16 bit expression.
2.3.8.7
PMON FEBE Event Count Register -
MSB
This Reset-upon-Read register, along with the PMON
FEBE Event Count Register - LSB (Address = 0x57)
contains a 16-bit representation of the number of
FEBE Events that have been detected by the Receive
DS3/E3 Framer, since the last read of these registers.
This register contains the MSB (or Upper-Byte) value
of this 16 bit expression.
2.3.8.8
PMON FEBE Event Count Register -
LSB
This Reset-upon-Read register, along with the PMON
FEBE Event Count Register - MSB (Address = 0x56)
contains a 16-bit representation of the number of
FEBE Events that have been detected by the Receive
DS3/E3 Framer, since the last read of these registers.
This register contains the LSB (or Lower-Byte) value
of this 16 bit expression.
2.3.8.9
PMON CP-Bit Error Event Count Regis-
ter - MSB
PMON PARITY ERROR COUNT REGISTER - LSB (ADDRESS = 0X55)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Parity Error Count - Low Byte
RURRUR
RUR
RUR
RURRUR
RURRUR
00
000
000
PMON FEBE EVENT COUNT REGISTER - MSB (ADDRESS = 0X56)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
FEBE Event Count - High Byte
RURRUR
RUR
RUR
RURRUR
RURRUR
00
000
000
PMON FEBE EVENT COUNT REGISTER - LSB (ADDRESS = 0X57)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
FEBE Event Count - Low Byte
RURRUR
RUR
RUR
RURRUR
RURRUR
00
000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com