Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 128 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 128 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 124Page - Exar Corporation XRT7250 Datasheet HTML 125Page - Exar Corporation XRT7250 Datasheet HTML 126Page - Exar Corporation XRT7250 Datasheet HTML 127Page - Exar Corporation XRT7250 Datasheet HTML 128Page - Exar Corporation XRT7250 Datasheet HTML 129Page - Exar Corporation XRT7250 Datasheet HTML 130Page - Exar Corporation XRT7250 Datasheet HTML 131Page - Exar Corporation XRT7250 Datasheet HTML 132Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
109
This Read-Only register, along with the Frame Parity
Errors - One-Second Accumulator Register - LSB
(Address = 0x71) contains a 16-bit representation of
the number of Frame Parity Errors that have been de-
tected by the Receive DS3/E3 Framer block, within
the last One-Second sampling period. This register
contains the MSB (or Upper-Byte) value of this 16 bit
expression.
2.3.8.16 One-Second Frame Parity Error Accu-
mulator Register - LSB
This Read-Only register, along with the Frame Parity
Errors - One-Second Accumulator Register - MSB
(Address = 0x70) contains a 16-bit representation of
the number of Frame Parity Errors that have been de-
tected by the Receive DS3/E3 Framer block, within
the last one-second sampling period. This register
contains the LSB (or Lower-Byte) value of this 16 bit
expression.
2.3.8.17 One-Second Frame CP-Bit Error Accu-
mulator Register - MSB
This Read-Only register, along with the Frame CP-Bit
Error - One-Second Accumulator Register - LSB (Ad-
dress = 0x73) contains a 16-bit representation of the
number of CP Bit Errors tjhat have been detected by
the Receive DS3/E3 Framer block, within the last
one-second sampling period. This register contains
the MSB (or Upper Byte) value of this 16-bit expres-
sion.
2.3.8.18 One-Second Frame CP-Bit Error Accu-
mulator Register - LSB
FRAME PARITY ERRORS - ONE-SECOND ACCUMULATOR REGISTER - MSB (ADDRESS = 0X70)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Frame Parity Error Count - High Byte
RO
RO
RO
RO
RO
RO
RO
RO
0
0000
000
FRAME PARITY ERRORS - ONE-SECOND ACCUMULATOR REGISTER - LSB (ADDRESS = 0X71)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Frame Parity Error Count - Low Byte
RO
RO
RO
RO
RO
RO
RO
RO
0
0000
000
FRAME CP-BIT ERRORS - ONE-SECOND ACCUMULATOR REGISTER - MSB (ADDRESS = 0X72)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
CP Bit Error Count - High Byte
RO
RO
RO
RO
RO
RO
RO
RO
0
0000
000
FRAME PARITY ERRORS - ONE-SECOND ACCUMULATOR REGISTER - LSB (ADDRESS = 0X73)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
CP Bit Error Count - Low Byte
RO
RO
RO
RO
RO
RO
RO
RO
0
0000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com