Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 126 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 126 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 122Page - Exar Corporation XRT7250 Datasheet HTML 123Page - Exar Corporation XRT7250 Datasheet HTML 124Page - Exar Corporation XRT7250 Datasheet HTML 125Page - Exar Corporation XRT7250 Datasheet HTML 126Page - Exar Corporation XRT7250 Datasheet HTML 127Page - Exar Corporation XRT7250 Datasheet HTML 128Page - Exar Corporation XRT7250 Datasheet HTML 129Page - Exar Corporation XRT7250 Datasheet HTML 130Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
107
This Reset-upon-Read register, along with the PMON
CP-Bit Error Count Register - LSB (Address = 0x59)
contains a 16-bit representation of the number of CP-
bit Errors that have been detected by the Receive
DS3 Framer block (within the chip), since the last
read of these registers. This register contains the
MSB (or Upper-Byte) value of this 16 bit expression.
2.3.8.10 PMON CP-Bit Error Event Count Regis-
ter - LSB
This Reset-upon-Read register, along with the PMON
CP-Bit Error Count Register - MSB (Address = 0x58)
contains a 16-bit representation of the number of CP-
bit Errors that have been detected by the Receive
DS3 Framer block (within the chip), since the last
read of these registers. This register contains the
LSB (or Lower-Byte) value of this 16 bit expression.
2.3.8.11 PMON Holding Register
Each of the PMON registers are 16 bit Reset-upon-
Read registers. More specifically, whenever the Mi-
croprocessor intends to read a PMON register, there
are two things to bear in mind.
1. This Microprocessor is going to require two read
accesses in order read out the full 16-bit expres-
sion of these PMON registers.
2. The entire 16-bit expression (of a given PMON
register) is going to be reset, immediately after
the Microprocessor has completed its first read
access to the PMON register.
Hence, the contents of the other byte (of the partially
read PMON register) will reside within the PMON
Holding register.
2.3.8.12 One-Second Error Status Register
PMON CP-BIT ERROR COUNT REGISTER - MSB (ADDRESS = 0X58)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
CP-Bit Error Count - High Byte
RUR
RUR
RUR
RUR
RUR
RUR
RUR
RUR
0
0000
000
PMON CP-BIT ERROR COUNT REGISTER - LSB (ADDRESS = 0X59)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
CP-Bit Error Count - Low Byte
RUR
RUR
RUR
RUR
RUR
RUR
RUR
RUR
0
0000
000
PMON HOLDING REGISTER (ADDRESS = 0X6C)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
PMON Holding Value
RUR
RUR
RUR
RUR
RUR
RUR
RUR
RUR
0
0000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com