Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 130 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 130 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 126Page - Exar Corporation XRT7250 Datasheet HTML 127Page - Exar Corporation XRT7250 Datasheet HTML 128Page - Exar Corporation XRT7250 Datasheet HTML 129Page - Exar Corporation XRT7250 Datasheet HTML 130Page - Exar Corporation XRT7250 Datasheet HTML 131Page - Exar Corporation XRT7250 Datasheet HTML 132Page - Exar Corporation XRT7250 Datasheet HTML 133Page - Exar Corporation XRT7250 Datasheet HTML 134Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
111
Transmit Line Build-Out circuitry, and will transmit un-
shaped (square-wave) pulses onto the line. If the us-
er commands this signal to toggle "Low", then the
XRT7300 DS3/E3 LIU IC will enable the Transmit
Line Build-Out circuitry, and will transmit shaped puls-
es onto the line.
In order to insure that the transmit output pulses of
the XRT7300 device meet the DSX-3 Isolated Pulse
Template Requirements (per Bellcore GR-499-
CORE), the user is advised to set this bit-field to "0", if
the length of cable (between the XRT7300 transmit
output and the DSX-3 Cross Connect System) is
greater than 225 feet.
Conversely, the user is advised to set this bit-field to
"1", if the length of cable (between the XRT7300
transmit output and the DSX-3 Cross Connect sys-
tem) is less than 225 feet.
Writing a "1" to this bit-field commands the Framer to
toggle the TxLev output "High". Writing a "0" to this
bit-field commands the Framer to toggle this output
signal "Low".
NOTES:
1. The TxLEV function is only applicable to DS3 appli-
cations. E3 LIUs do not support this kind of Line
Build out feature.
2. If the customer is not using the XRT7300 or the
(XRT7296 DS3 Line Transmitter) IC, then this bit-
field and the TxLev output pin can be used for other
purposes.
Bit 1 - RLOOP - (Remote Loopback)
This Read/Write bit-field allows the user to control the
state of the RLOOP output pin of the Framer device.
This output pin is intended to be connected to the
RLOOP input pin of the XRT7300 DS3/E3 LIU IC.
In the XRT7300 DS3/E3 LIU IC, the state of the
RLOOP and the LLOOP pins are used to dictate
which loop-back mode the XRT7300 device will oper-
ate in. The following table presents the relationship
between the state of these two input pins (or bit-
fields) and the resulting loop-back modes.
Writing a "1" into this bit-field commands the Framer
IC to toggle the RLOOP output signal "High". Writing
a "0" into this bit-field commands the Framer IC to
toggle this output signal "Low".
For a detailed description of the XRT7300 DS3/E3
LIU's operation, during each of these above-men-
tioned loop-back modes, please consult the XRT7300
DS3/E3/STS-1 LIU IC Data Sheet.
NOTE: If the customer is not using the XRT7300 DS3/E3/
STS-1 LIU IC, then this bit-field and the RLOOP output pin
can be used for other purposes.
Bit 0 - LLOOP - (Local Loop-back)
This Read/Write bit-field allows the user to control the
state of the LLOOP output pin of the Framer device.
This output pin is intended to be connected to the
LLOOP input pin of the XRT7300 DS3/E3 LIU IC.
In the XRT7300 DS3/E3 LIU IC, the state of the
RLOOP and the LLOOP pins are used to dictate
which loop-back mode the XRT7300 device will oper-
ate in. The following table presents the relationship
between the state of these two input pins (or bit-
fields) and the resulting loop-back modes.
Writing a "1" into this bit-field commands the UNI to
toggle the LLOOP output signal "High". Writing a "0"
into this bit-field commands the Framer to toggle this
output signal "Low".
RLOOP
LLOOP
RESULTING LOOP-BACK MODE OF THE XRT7300 DEVICE
0
0
Normal Operation (No Loop-back Mode)
0
1
Analog Local Loop-back Mode
1
0
Remote Loop-back Mode
1
1
Digital Local Loop-back Mode
RLOOP
LLOOP
RESULTING LOOP-BACK MODE OF THE XRT7300 DEVICE
0
0
Normal Operation (No Loop-back Mode)
0
1
Analog Local Loop-back Mode
1
0
Remote Loop-back Mode
1
1
Digital Local Loop-back Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com