Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 133 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 133 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 129Page - Exar Corporation XRT7250 Datasheet HTML 130Page - Exar Corporation XRT7250 Datasheet HTML 131Page - Exar Corporation XRT7250 Datasheet HTML 132Page - Exar Corporation XRT7250 Datasheet HTML 133Page - Exar Corporation XRT7250 Datasheet HTML 134Page - Exar Corporation XRT7250 Datasheet HTML 135Page - Exar Corporation XRT7250 Datasheet HTML 136Page - Exar Corporation XRT7250 Datasheet HTML 137Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
114
The XRT7250 Framer Interrupt Block comes
equipped with the following registers to support the
servicing of these potential interrupt request sources.
Table 6, 7 , and 8 lists these registers, and their ad-
dresses, within the Framer IC for DS3, E3 (ITU-T
G.832) and E3 (ITU-T G.751) framing formats.
TABLE 5: LIST OF ALL OF THE POSSIBLE CONDITIONS THAT CAN GENERATE INTERRUPTS WITHIN THE XRT7250
FRAMER DEVICE
FUNCTION SECTION
INTERRUPTING CONDITION
Transmit Section
FEAC Message Transfer Complete (DS3, C-Bit Parity Only)
LAPD Message frame Transfer Complete (DS3, C-Bit Parity, All E3)
Receive Section
Change of Status on Receive LOS, OOF, AIS Idle Detection
Validation and removal of received FEAC Code (DS3, C-Bit Parity Only)
New PMDL Message in Receive LAPD Message Buffer.
Detection of Parity Errors (e.g., P-Bit, CP-Bit, BIP-4 and BIP-8 Errors)
Detection of Framing Bit/Byte Errors.
Framer Chip Level
One-Second Interrupt
TABLE 6: A LISTING OF THE XRT7250 FRAMER DEVICE INTERRUPT BLOCK REGISTERS (FOR DS3 APPLICATIONS)
ADDRESS LOCATION
REGISTER NAME
0 x 04
Block Interrupt Enable Register
0 x 05
Block Interrupt Status Register
0 x 12
RxDS3 Interrupt Enable Register
0 x 13
RxDS3 Interrupt Status Register
0 x 17
RxDS3 FEAC Interrupt Enable/Status Register
0 x 18
RxDS3 LAPD Control Register
0 x 31
TxDS3 FEAC Configuration and Status Register
0 x 34
TxDS3 LAPD Status/Interrupt Register
TABLE 7: A LISTING OF THE XRT7250 FRAMER DEVICE INTERRUPT BLOCK REGISTERS (FOR E3, ITU-T G.832
APPLICATIONS)
ADDRESS LOCATION
REGISTER NAME
0 x 04
Block Interrupt Enable Register
0 x 05
Block Interrupt Status Register
0 x 12
RxE3 Interrupt Enable Register -1
0 x 13
RxE3 Interrupt Enable Register -2
0 x 14
RxE3 Interrupt Status Register - 1
0 x 15
RxE3 Interrupt Status Register - 2
0 x 18
RxE3 LAPD Control Register
0 x 34
TxE3 LAPD Status/Interrupt Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com