Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 137 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 137 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 133Page - Exar Corporation XRT7250 Datasheet HTML 134Page - Exar Corporation XRT7250 Datasheet HTML 135Page - Exar Corporation XRT7250 Datasheet HTML 136Page - Exar Corporation XRT7250 Datasheet HTML 137Page - Exar Corporation XRT7250 Datasheet HTML 138Page - Exar Corporation XRT7250 Datasheet HTML 139Page - Exar Corporation XRT7250 Datasheet HTML 140Page - Exar Corporation XRT7250 Datasheet HTML 141Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
118
Writing a “1” to this bit-field configures the Framer to
automatically disable a given interrupt, following its
activation. Writing a “0” to this bit-field configures the
Framer to leave the Interrupt Enable bit as is, follow-
ing interrupt activation.
If a user opts to implement the Automatic Reset of In-
terrupt Enable Bits feature, then he/she might wish to
configure the Microprocessor/Microcontroller to go
back and re-enable these interrupts at a later time.
2.6.2
One-Second Interrupts
The Block Interrupt Status register, and Block Inter-
rupt Enable register each contain a bit-field for the
One-Second Interrupt. If this interrupt is enabled
(within the Block Interrupt Enable register), then the
Framer device will automatically generate an interrupt
request to the Microprocessor/Microcontroller repeat-
edly at one-second intervals. At a minimum, the us-
er’s interrupt service routine must service this inter-
rupt by reading the Block Interrupt Status register
(Address = 0x05). Once the Microprocessor/Micro-
controller has read this register, then the following
things will happen.
1. The One-Second Interrupt bit-field, within the
Block Interrupt Status register, will be reset to “0”.
2. The Framer will negate the INT (Interrupt
Request) output pin.
The purpose of providing this One-Second interrupt is
to allow the Microprocessor/Microcontroller the op-
portunity to perform certain tasks at One-Second in-
tervals. The user can accomplish this by including
the necessary code (for these various tasks) as a part
of the interrupt service routine, for the One-Second
type interrupt. Some of these tasks could include:
• Reading in the contents of the One-Second Perfor-
mance Monitor registers.
• Reading various other Performance Monitor regis-
ters.
• Writing a new PMDL Message into the Transmit
LAPD Message buffer. After the LAPD Transmitter
has been enabled and commanded to initiate trans-
mission of the LAPD Message frame (containing
the PMDL Message, residing within the Transmit
LAPD Message buffer), the LAPD Transmitter will
continue to re-transmit this same LAPD Message
frame, repeatedly at One-Second intervals, until it
has been disabled. If a new PMDL message is
written into the Transmit LAPD Message buffer
immediately following the occurrence of a One-Sec-
ond Interrupt, then this will ensure that this Write
activity will not interfere with this periodic transmis-
sion of the LAPD Message frames.
Notes regarding the Block Interrupt Enable and Block
Interrupt Status Registers:
1. The Block Interrupt Enable Register allows the
user to globally disable all potential interrupts
within either the Transmit or Receive sections, by
writing a “0” into the appropriate bit-field of this
register. However, the Block Interrupt Enable
register does not allow the user to globally enable
all potential interrupts within a given functional
block. In other words, enabling a given functional
block does not automatically enable all of its
potential interrupt sources. Those potential inter-
rupt sources that have been disabled at the
source level will remain disabled, independent of
the status of their associated functional blocks.
2. The Block Interrupt Enable register is set to
“0x00” upon power or reset. Therefore, the user
will have to write some “1’s” into this register, in
order to enable some of the interrupts.
The remaining registers, listed in Table 9, Table 10
and Table 11 will be presented in the discussion of
the functional blocks, within the XRT7250 Framer IC.
These discussions will present more details about the
interrupt causes and how to properly service. them.
2.7
INTERFACING THE FRAMER TO AN INTEL-TYPE
MICROPROCESSOR
The Framer can be interfaced to either Intel-type or
Motorola-type Microprocessor/Microcontrollers. The
following sections will provide one example for each
type of processor. This section discusses how to in-
terface the XRT7250 DS3/E3 Framer IC to the 8051
Microcontroller.
FRAMER OPERATING MODE REGISTER (ADDRESS = 0X00)
BIT 7BIT 6BIT 5BIT 4
BIT 3BIT 2BIT 1BIT 0
Local
Loop-Back
DS3/E3
Internal
LOS Enable
RESET
Interrupt
Enable Reset
Frame Format
TimRefSel[1:0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
00
00
0
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com