Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 138 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 138 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 134Page - Exar Corporation XRT7250 Datasheet HTML 135Page - Exar Corporation XRT7250 Datasheet HTML 136Page - Exar Corporation XRT7250 Datasheet HTML 137Page - Exar Corporation XRT7250 Datasheet HTML 138Page - Exar Corporation XRT7250 Datasheet HTML 139Page - Exar Corporation XRT7250 Datasheet HTML 140Page - Exar Corporation XRT7250 Datasheet HTML 141Page - Exar Corporation XRT7250 Datasheet HTML 142Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
119
The 8051 Microcontroller
The 8051 family of microcontrollers is manufactured
by Intel and comes with a variety of amenities. Some
of these amenities include:
• On-chip Serial Port
• Four (4) 8-bit I/O ports (P0 - P3)
• 4k bytes of ROM
• 128 bytes of RAM
The 8051 Microcontroller consists of 4 - 8-bit I/O
Ports. Some of these ports have alternate functions
as will be discussed below.
PORT 0 (P0.0 - P0.7)
This port is a dual-purpose port on pins 32-39 of the
8051 IC. In minimal component designs, it is used as
a general purpose I/O port. For larger designs with
external memory, it becomes a multiplexed address
and data bus (AD0 - AD7).
PORT 1 (P1.0 - P1.7)
Port 1 is a dedicated port on pins 1 - 8. The pins,
designated at P1.0, P1.1, ... P1.7 are available for in-
terfacing as required. No alternative functions are as-
signed for Port 1 pins, thus they are used solely for in-
terfacing external devices. Exceptions are the 8032
and 8052 ICs, which use P1.0 and P1.1 as either as I/
O lines or as extenal inputs to the third timer.
PORT 2 (P2.0 - P2.7)
Port 2 (pins 21 - 28) is a dual-purpose port that can
function as a general purpose I/O, or as the high-byte
of the address bus for designs with external code
memory of more than 256 bytes of external data
memory (A8 - A15).
PORT 3
Port 3 is a dual purpose port on pins 10 - 17. In addi-
tion to functioning as general purpose I/O, these pins
have multiple functions. Each of these pins have an
alternate purpose, as listed in Table 12 below.
The 8051 also has numerous additional pins which
are relevant to interfacing to the XRT7250 DS3/E3
UNI or other peripherals. These pins are:
ALE - Address Latch Enable
If Port 0 is used in its alternative mode -as the data
bus and the lower byte of the address bus -- ALE is
the signal that latches the address into an external
register during the first half of a memory cycle. Once
this is done, Port 0 lines are then available for data in-
put or output during the second half of the memory
cycle, when the data transfer takes place.
INT0* (P3.2) and INT1* (P3.3)
INT0* and INT1* are external interrupt request inputs
to the 8051 Microcontroller. Each of these interrupt
pins support direct interrupt processing. In this case,
the term direct means that if one of these inputs are
asserted, then program control will automatically
branch to a specific (fixed) location in code memory.
This location is determined by the circuit design of the
8051 Microcontroller IC and cannot be changed.
Table 13 presents the location (in code memory)
where the program control will branch to, if either of
these inputs are asserted.
TABLE 12: ALTERNATE FUNCTIONS OF PORT 3 PINS
BIT
NAME
ALTERNATE FUNCTION
P3.0
RXD
Receive Data for Serial Port
P3.1
TXD
Transmit Data for Serial Port
P3.2
INT0*
External Interrupt 0
P3.3
INT1*
External Interrupt 1
P3.4
T0
Timer/Counter 0 External Input
P3.5
T1
Timer/Counter 1 External Input
P3.6
WR*
External Data/Memory Write Strobe
P3.7
RD*
External Data/Memory Read Strobe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com