Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 140 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 140 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 136Page - Exar Corporation XRT7250 Datasheet HTML 137Page - Exar Corporation XRT7250 Datasheet HTML 138Page - Exar Corporation XRT7250 Datasheet HTML 139Page - Exar Corporation XRT7250 Datasheet HTML 140Page - Exar Corporation XRT7250 Datasheet HTML 141Page - Exar Corporation XRT7250 Datasheet HTML 142Page - Exar Corporation XRT7250 Datasheet HTML 143Page - Exar Corporation XRT7250 Datasheet HTML 144Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
121
does not issue an Interrupt Acknowledge signal back
to the Framer IC. It will just begin processing through
the Framer’s interrupt service routine. One the CPU
has eliminated the cause(s) of the interrupt request,
the Framer’s INT output pin will be negated (e.g., go
"High”) and the CPU will return from the Interrupt Ser-
vice Routine and resume normal operation.
2.8
INTERFACING THE FRAMER IC TO A MOTOROLA-
TYPE
MICROPROCESSOR
This section discusses how to interface the XRT7250
DS3/E3 Framer IC to the MC68000 Microprocessor.
Figure 38 presents a schematic on how to interface
the XRT7250 DS3/E3 Framer IC to the MC68000 Mi-
croprocessor, over an 8-bit wide bi-directional data
bus.
In general, the approach to interfacing these two de-
vices is pretty straightforward. However, the user
must be aware of the fact that the XRT7250 DS3/E3
Framer IC does not provide an interrupt vector to the
MC68000 during an Interrupt Acknowledge cycle.
Therefore, the user must configure his/her design to
support auto-vectored interrupts. Auto-vectored in-
terrupt processing is a feature offered by the
MC68000 Family of Microprocessors, where, if the
microprocessor knows (prior to any IACK cycle) the
Interrupt Level of this current interrupt, and that the
interrupting peripheral does not support vectored in-
terrupts, then the Microprocessor will generate its
own Interrupt Vector. The schematic shown in
Figure 38, has been configured to support auto-vec-
tored interrupts.
FIGURE 38. SCHEMATIC DEPICTING HOW TO INTERFACE THE XRT7250 DS3/E3 FRAMER IC TO THE MC68000
MICROPROCESSOR
+5V
+5V
+5V
U2
MC68000
RESET
18
R/W
9
DTACK
10
D0
5
D1
4
D2
3
D3
2
D4
1
D5
64
D6
63
D7
62
D8
61
D9
60
D10
59
D11
58
D12
57
D13
56
D14
55
D15
54
A1
29
A2
30
A3
31
A4
32
A5
33
A6
34
A7
35
A8
36
A9
37
FC0
28
FC1
27
FC2
26
VPA
21
IPL0
25
IPL1
24
IPL2
23
AS
6
UDS
7
LDS
8
A10
38
A11
39
A12
40
A13
41
A14
42
A15
43
A16
44
A17
45
A18
46
A19
47
A20
48
A21
49
A22
50
A23
51
U1
XRT7250
RESET
28
WRB_RW
7
Rdy_Dtck
6
D0
32
D1
33
D2
34
D3
35
D4
36
D5
37
D6
38
D7
39
A0
14
A1
15
A2
16
A3
17
A4
18
A5
19
A6
20
A7
21
A8
22
INT
13
CS
8
MOTO/INTEL
27
RDB_DS
10
ALE_AS
9
U4
74AHCT148
0
10
1
11
2
12
3
13
4
1
5
2
6
3
7
4
EI
5
A0
9
A1
7
A2
6
GS
14
EO
15
U5
74AHCT138
A
1
B
2
C
3
G1
6
G2A
4
G2B
5
Y0
15
Y1
14
Y2
13
Y3
12
Y4
11
Y5
10
Y6
9
Y7
7
U3
74AHCT138
A
1
B
2
C
3
G1
6
G2A
4
G2B
5
Y0
15
Y1
14
Y2
13
Y3
12
Y4
11
Y5
10
Y6
9
Y7
7
U7A
74AHCT04
U7B
74AHCT04
3
4
U6A
74AHCT00
1
2
3
D[15:8]
to Address Decoder
from Address Decoder
Address_Strobe
Data_Strobe
Address_Strobe
Data_Strobe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com