Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 136 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 136 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 132Page - Exar Corporation XRT7250 Datasheet HTML 133Page - Exar Corporation XRT7250 Datasheet HTML 134Page - Exar Corporation XRT7250 Datasheet HTML 135Page - Exar Corporation XRT7250 Datasheet HTML 136Page - Exar Corporation XRT7250 Datasheet HTML 137Page - Exar Corporation XRT7250 Datasheet HTML 138Page - Exar Corporation XRT7250 Datasheet HTML 139Page - Exar Corporation XRT7250 Datasheet HTML 140Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
117
Once the Microprocessor/Microcontroller has read
the register that corresponds to the interrupting
source within the Framer, the following things will
happen.
1. The Asserted Interrupt Status bit-fields within this
register will be reset upon read.
2. The Asserted bit-field, within the Block Interrupt
Status register will be reset.
3. The Framer device will negate the INT (Interrupt
Request) output pin, by drving this output pin
"High”.
2.6.1
Automatic Reset of Interrupt Enable Bits
Occassionally, the user’s system (which includes the
Framer device) may experience a fault condition,
such that a Framer Interrupt Condition will continu-
ously exist. If this particular interrupt condition has
been enabled (within the Framer IC) then the Framer
device will generate an interrupt request to the MIcro-
processor/Microcontroller. Afterwards, the Micropro-
cessor/Microcontroller will attempt to service this in-
terrupt by reading the Block Interrupt Status register
and the subsequent source level interrupt status reg-
isters. Additionally, the Microprocessor/Microcontrol-
ler will attempl to perform some system-related tasks
in order to try to resolve those conditions causing the
interrupt. After the Microprocessor/Microcontroller
has attempted all of these things, the Framer IC will
negate the INT output pin. However, because the
system fault still remains, the conditions causing the
Framer to issue this interrupt request, also still exists.
Consequently, the Framer device will generate anoth-
er interrupt request, which forces the Microprocessor/
Microcontroller to once again attempt to service this
interrupt. This phenomenon quickly results in the lo-
cal Microprocessor/Microcontroller being tied up in a
continuous cycle of executing this one interrupt ser-
vice routine. Consequently, the local Microprocessor/
Microcontroller (along with portions of the overall sys-
tem) now becomes non-functional.
In order to prevent this phenomenon from ever occur-
ing, the Framer IC allows the user to automatically re-
set the interrupt enable bits, following their activation.
The user can implement this feature by writing the ap-
propriate value into Bit 3 (Interrupt Enable Reset)
within the Framer Operating Mode register, as illus-
trated below.
TABLE 10: INTERRUPT SERVICE ROUTINE GUIDE (FOR E3, ITU-T G.832 APPLICATIONS)
INTERRUPTING
FUNCTIONAL BLOCK
THE NEXT REGISTERS TO BE READ DURING THE INTERRUPT SERVICE
ROUTINE
REGISTER ADDRESS
Receive Section
RxE3 Interrupt Status Register - 1
0 x 014
RxE3 Interrupt Status Register - 2
0 x 15
RxE3 LAPD Control Register
0 x 18
Transmit Section
TxE3 LAPD Status and Interrupt Register
0 x 34
TABLE 11: INTERRUPT SERVICE ROUTINE GUIDE (FOR E3, ITU-T G.751 APPLICATIONS)
INTERRUPTING
FUNCTIONAL BLOCK
THE NEXT REGISTERS TO BE READ DURING THE INTERRUPT SERVICE
ROUTINE
REGISTER ADDRESS
Receive Section
RxE3 Interrupt Status Register - 1
0 x 014
RxE3 Interrupt Status Register - 2
0 x 15
RxE3 LAPD Control Register
0 x 18
Transmit Section
TxE3 LAPD Status and Interrupt Register
0 x 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com