Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 134 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 134 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 130Page - Exar Corporation XRT7250 Datasheet HTML 131Page - Exar Corporation XRT7250 Datasheet HTML 132Page - Exar Corporation XRT7250 Datasheet HTML 133Page - Exar Corporation XRT7250 Datasheet HTML 134Page - Exar Corporation XRT7250 Datasheet HTML 135Page - Exar Corporation XRT7250 Datasheet HTML 136Page - Exar Corporation XRT7250 Datasheet HTML 137Page - Exar Corporation XRT7250 Datasheet HTML 138Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
115
General Flow of Framer Chip Interrupt Servicing
When any of the conditions, presented in Table 5 oc-
curs, (if their Interrupts is enabled), then the Framer
will generate an interrupt request to the local µP/µC
by asserting the active-low interrupt request output
pin, INT. Shortly after the local µP/µC has detected
the activated INT signal, it will enter into the appropri-
ate user-supplied interrupt service routine. The first
task for the local µP/µC, while running this interrupt
service routine, may be to isolate the source of the in-
terrupt request down to the device level (e.g., the
XRT7250 Framer Device), if multiple peripheral devic-
es exist in the user's system. However, once the in-
terrupting peripheral device has been identified, the
next task for the local µP/µC is to determine exactly
what feature or functional section within the device re-
quested the interrupt.
Determine the Functional Block(s) Requesting the
Interrupt
If the interrupt device turns out to be the XRT7250
DS3/E3 Framer IC, then the local µC/µP must deter-
mine which functional block requested the interrupt.
Hence, upon reaching this state, one of the very first
things that the local µC/µP must do within the user
supplied Framer Interrupt Service routine, is to per-
form a read of the Block Interrupt Status Register
(Address = 0x05) within the XRT7250 Framer device.
The bit format of the Block Interrupt Status register is
presented below.
The Block Interrupt Status Register presents the in-
terrupt request status of each functional block, within
the chip. The purpose of the Block Interrupt Status
Register is to help the local µP/µC identify which func-
tional block(s) has requested the interrupt. Whichev-
er bit(s) are asserted in this register, identifies which
block(s) have experienced an interrupt-generating
condition as presented in Table 5. Once the local µP/
µC has read this register, it can determine which
branch within the interrupt service routine that it must
follow, in order to properly service this interrupt.
The Framer further supports the Functional Block hi-
erarchy by providing the Block Interrupt Enable Reg-
ister (Address = 0x04). The bit format of this register
is identical to that for the Block Interrupt Status regis-
ter, and is presented below for the sake of complete-
ness.
TABLE 8: A LISTING OF THE XRT7250 FRAMER DEVICE INTERRUPT BLOCK REGISTER (FOR E3, ITU-T G.751
APPLICATIONS)
ADDRESS LOCATION
REGISTER NAME
0 x 04
Block Interrupt Enable Register
0 x 05
Block Interrupt Status Register
0 x 12
RxE3 Interrupt Enable Register -1
0 x 13
RxE3 Interrupt Enable Register -2
0 x 14
RxE3 Interrupt Status Register - 1
0 x 15
RxE3 Interrupt Status Register - 2
0 x 18
RxE3 LAPD Control Register
0 x 34
TxE3 LAPD Status/Interrupt Status
BLOCK INTERRUPT STATUS REGISTER (ADDRESS = 0X05)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
RxDS3/E3
Interrupt
Status
Not Used
TxDS3/E3
Interrupt
Status
One-Second
Interrupt
Status
RO
RO
RO
RO
RO
RO
RO
RO
0
0000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com