Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 135 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 135 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 131Page - Exar Corporation XRT7250 Datasheet HTML 132Page - Exar Corporation XRT7250 Datasheet HTML 133Page - Exar Corporation XRT7250 Datasheet HTML 134Page - Exar Corporation XRT7250 Datasheet HTML 135Page - Exar Corporation XRT7250 Datasheet HTML 136Page - Exar Corporation XRT7250 Datasheet HTML 137Page - Exar Corporation XRT7250 Datasheet HTML 138Page - Exar Corporation XRT7250 Datasheet HTML 139Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
116
The Block Interrupt Enable register allows the user to
individually enable or disable the interrupt requesting
capability of the functional blocks, within the Framer
IC. If a particular bit-field, within this register contains
the value "0", then the corresponding functional block
has been disabled from generating any interrupt re-
quests. Conversely, if that bit-field contains the value
"1", then the corresponding functional block has been
enabled for interrupt generation (e.g., those potential
interrupts, within the enabled functional block that are
enabled at the source level, are now enabled). The
user should be aware of the fact that each functional
block, within the Framer IC contains anywhere from 1
to 12 potential interrupt sources. Each of these lower
level interrupt sources contain their own set of inter-
rupt enable bits and interrupt status bits, existing in
various on-chip registers.
Interrupt Service Routing Branching: after reading
the Block Interrupt Status Register.
The contents of the Block Interrupt Status Register
identify which of 3 functional blocks (within the Fram-
er IC) has requested interrupt service. The local µP
should use this information in order to determine
where, within the Interrupt Service Routing, program
control should branch to. Table 9 can be viewed as
an interrupt service routine guide. It lists each of the
Functional Blocks, that contain a bit-field in the Block
Interrupt Status Register. Additionally, this table also
presents a list and addresses of corresponding on-
chip Registers that the Interrupt Service Routine
should branch to and read, based upon the Interrupt-
ing Functional Block.
Table 9, Table 10, and Table 11 presents the Interrupt
Service Routine guide for DS3, E3/ITU-T G.832 and
E3/ITU-T G.751 applications, respectively.
BLOCK INTERRUPT ENABLE REGISTER (ADDRESS = 0X04)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
RxDS3/E3
Interrupt
Status
Not Used
TxDS3/E3
Interrupt
Status
One-Second
Interrupt
Status
R/W
RORO
RO
RORO
R/W
R/W
00
000
000
TABLE 9: INTERRUPT SERVICE ROUTINE GUIDE (FOR DS3 APPLICATIONS)
INTERRUPTING
FUNCTIONAL BLOCK
THE NEXT REGISTERS TO BE READ DURING THE INTERRUPT SERVICE
ROUTINE
REGISTER ADDRESS
Receive Section
RxDS3 Interrupt Status Register
0 x 013
RxDS3 FEAC Interrupt Enable/Status Register
0 x 17
RxDS3 LAPD Control Register
0 x 18
Transmit Section
TxDS3 FEAC Configuration and Status Register
0 x 31
TxDS3 LAPD Status/Interrupt Register
0 x 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com