Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 141 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 141 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 137Page - Exar Corporation XRT7250 Datasheet HTML 138Page - Exar Corporation XRT7250 Datasheet HTML 139Page - Exar Corporation XRT7250 Datasheet HTML 140Page - Exar Corporation XRT7250 Datasheet HTML 141Page - Exar Corporation XRT7250 Datasheet HTML 142Page - Exar Corporation XRT7250 Datasheet HTML 143Page - Exar Corporation XRT7250 Datasheet HTML 144Page - Exar Corporation XRT7250 Datasheet HTML 145Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
122
Functional Description of Circuit illustrated in
Figure 38.
When the XRT7250 DS3/E3 Framer IC generates an
Interrupt, the INT output will toggle "Low”. This will
force Input 6, of the Interrupt Priority Encoder chip
(U4) to also toggle "Low”. In response to this, the In-
terrupt Priority Encoder chip will set its three outputs
to the following states: A2 = ‘0’, A1 = ‘0’ and A0 = ‘1’
(which is the number 6 in Highinverted binary format).
The state of three output pins will be read by the ac-
tive-low interrupt request inputs of the Microprocessor
(IPL2, IPL1, IPL0). When the MC68000 Microproces-
sor detects this value at its three interrupt request in-
puts, it will know two things.
1. An interrupt request has been issued by one of
the peripheral devices.
2. The interrupt request is a Level 6 interrupt
request (due to the values of the A2 - A0 outputs
from the Interrupt Priority Encoder IC).
Once the MC68000 Microprocessor has determined
these two things it will initiate an Interrupt Acknowl-
edge (IACK) cycle by doing the following:
1. Identify this new bus cycle as an interrupt service
routine by setting all of its Function Code output
pins (FC2 - FC0) to "High”.
2. Placing the interrupt level on the Address output
pins A[3:1].
When the MC68000 Microprocessor has toggled all
of its Function Code output pin "High”, the Function
Code Decoder chip (U3) will read this value from the
FC2 - FC0 pins as being the binary value for 7. As a
result, U3 will assert its active-low Y7 output pin. At
the same time, the address lines A[3:1] are carrying
the current Interrupt Level of this IACK cycle (level =
6, or “110” in this example) and applying this value to
the A, B, and C inputs of the IACK Level Decoder chip
(U5). Initially, all of the outputs of U5 are tri-stated.
Due to the fact that its active-low G2A and G2B inputs
are negated (e.g., at a logic "High”). However, when
the MC68000 Microprocessor begins the IACK cycle,
it will assert its Address Strobe (AS*) signal. This ac-
tion will result in asserting the G2A input pin of U5.
Additionally, since the Function Code Decoder chip
has also asserted its Y7 output pin this will, in turn,
assert the G2A input pin of U5. At this point, the out-
put of U5 will no longer be tri-stated. U5 will read in
the contents of its A, B, and C inputs, and assert the
active-low VPA* (Valid Peripheral Address) input pin
of the MC68000. Anytime the MC68000 detects its
VPA* pin being asserted during an IACK cycle, it
knows that this is an Auto-Vectored Interrupt cycle.
Further, it also knows that it will not receive an inter-
rupt vector from the peripheral device (e.g., the
XRT7250 DS3/E3 Framer IC, in this case), and that it
must generate its own vector. In the very next bus cy-
cle, the MC68000 is going to implement a pseudo-
read of the data bus. However, in reality, no data will
be read from the XRT7250. The MC68000 will in-
stead have determined that since this current IACK
cycle is an Auto-Vectored - Level 6 Interrupt cycle,
which corresponds to Vector Number 30, within the
MC68000’s Exception Vector Table. Vector Number
30 corresponds to an Address Space of 0x78, in the
MC68000’s address space. In the case of this exam-
ple, the user is required to place an unconditional
branch statement (to the location of the XRT7250 In-
terrupt Service Routine) at 0x78 in system memory.
Table 14 presents the Auto-Vector Table (e.g., the re-
lationship between the Interrupt Level and the corre-
sponding location in memory for this unconditional
branch statement) for the MC68000 Microprocessor.
3.0
THE LINE INTERFACE AND SCAN SECTION
TABLE 14: AUTO-VECTOR TABLE FOR THE MC68000 MICROPROCESSOR
INTERRUPT
LEVEL
VECTOR NUMBER
ADDRESS LOCATION (OF UNCONDITIONAL BRANCH INSTRUCTION - FOR INTERRUPT
SERVICE ROUTINE)
125
0x064
226
0x068
327
0x06C
428
0x070
529
0x074
630
0x078
731
0x07C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com