Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 145 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 145 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 141Page - Exar Corporation XRT7250 Datasheet HTML 142Page - Exar Corporation XRT7250 Datasheet HTML 143Page - Exar Corporation XRT7250 Datasheet HTML 144Page - Exar Corporation XRT7250 Datasheet HTML 145Page - Exar Corporation XRT7250 Datasheet HTML 146Page - Exar Corporation XRT7250 Datasheet HTML 147Page - Exar Corporation XRT7250 Datasheet HTML 148Page - Exar Corporation XRT7250 Datasheet HTML 149Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
126
The meaning/role of each of these bit-field and their
corresponding input pins are defined below.
Bit 2 - DMO - Drive Monitor Output
This Read-Only bit-field indicates the logic state of
the DMO output pin of the Framer device. This input
pin is intended to be connected to the DMO output
pin of the XRT7300 DS3/E3/STS-1 LIU IC. If this bit-
field contains a logic “1”, then the DMO input pin is
"High”. The XRT7300 DS3/E3/STS-1 LIU IC will set
this pin "High” if the Transmit Driver Monitor circuitry
(within the XRT7300 device) has not detected any bi-
polar signals at the MTIP and MRING inputs (of the
XRT7300 device) within the last 128 + 32 bit periods.
Conversely, if this bit-field is set to “0”, then the DMO
input pin is "Low”. The XRT7300 DS3/E3/STS-1 LIU
IC will set this pin "Low” if bipolar signals are being
detected at the MTIP and MRING input pins.
For more information on the user/purpose of the
Drive Monitor feature, within the XRT7300 LIU IC,
please see the XRT7300 DS3/E3/STS-1 LIU IC Data
Sheet.
NOTE: If this customer is not using the XRT7300 DS3/E3/
STS-1 LIU IC, then this register bit-field and input pin can
be used for a variety of other purposes.
Bit 1 - RLOL - Receive Loss of Lock
This Read-Only bit-field indicates the logic state of
the RLOL input pin of the Framer device. This input
pin is intended to be connected to the RLOL output
pin of the XRT7300 DS3/E3/STS-1 LIU IC. If this bit-
field contains a logic “1”, then the RLOL input pin is
"High”. The XRT7300 LIU IC will drive this pin "High”
if the clock recovery phase locked loop circuitry (with-
in the XRT7300 device) has lost lock with the incom-
ing DS3 or E3 data-stream and is not properly recov-
ering clock and data.
Conversely, if this bit-field contains a logic “0”, then
the RLOL input pin is "Low”. The XRT7300 DS3/E3/
STS-1 LIU IC will hold this pin "Low” for as long as
this clock recovery phase-locked-loop circuit (within
the XRT7300 device) is properly locked onto the in-
coming DS3 or E3 data stream and is properly recov-
ering clock and data from this data stream.
Bit 0 - RLOS- Receive Loss of Signal
This Read-Only bit-field indicates the logic state of
the RLOS input pin of the Framer device. This input
pin is intended to be connected to the RLOS output
pin of the XRT7300 DS3/E3/STS-1 LIU IC. If this bit-
field contains a logic “1”, then the RLOS input pin is
"High”. The XRT7300 LIU IC will drive this signal
"High” if it is currently declaring an LOS (Loss of Sig-
nal) condition.
Conversely, if this bit-field contains a logic “0”, then
the RLOS input pin is "Low”. The XRT7300 LIU IC
will drive this signal "Low”, if it is NOT currently de-
claring an LOS (Loss of Signal) condition.
For more information on the LOS Declaration/Clear-
ance criteria, used by the XRT7300 device, please
see the XRT7300 DS3/E3/STS-1 LIU IC Data Sheet.
NOTE: Asserting the RLOS input pin will cause the Framer
device to generate a Change in LOS Condition interrupt
and declare an LOS (Loss of Signal) condition to the Micro-
processor/Microcontroller. Therefore, the user is not
advised to use the RLOS input pin as a General Purpose
Input pin.
LINE INTERFACE SCAN REGISTER (ADDRESS = 0X81)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
DMO
RLOL
RLOS
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/O
00
000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com