Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 149 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 149 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 145Page - Exar Corporation XRT7250 Datasheet HTML 146Page - Exar Corporation XRT7250 Datasheet HTML 147Page - Exar Corporation XRT7250 Datasheet HTML 148Page - Exar Corporation XRT7250 Datasheet HTML 149Page - Exar Corporation XRT7250 Datasheet HTML 150Page - Exar Corporation XRT7250 Datasheet HTML 151Page - Exar Corporation XRT7250 Datasheet HTML 152Page - Exar Corporation XRT7250 Datasheet HTML 153Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
130
the two P-bits are set to zero if an even number of
"ones" is found in the payload of the previous DS3
frame. For information on how the Receive DS3
Framer handles P-bits, please see Section 3.3.2.6.1.
CP-(Path) Parity Bits (Applies to only the C-Bit
Parity Framing Format)
Each DS3 M-Frame consists of tw0 (2) CP-Bits.
These two bits have a very similar role to those of P-
Bits. Further, the XRT7250 Framer IC processes CP-
Bits in an identical manner that it handles P-Bits.
However for some DS3 applications, there is a differ-
ence between P and CP-bits, that should be noted.
• P-Bits are used to support error detection of a DS3
data stream as it travels from one T.E. to the next.
(e.g., a single DS3 link between two T.E.)
• CP-Bits are used to support error detection of DS3
data stream as it travels from the Source T.E.
(where the DS3 Data Stream originated), to the
Sink T.E, (where the DS3 Data Stream is termi-
nated.)
NOTE: This transmission path from Source T.E. to Sink T.E.
may involve numerous T.E.
• P-Bits are verified and recomputed as it passes
through a Mid-Network T.E. (which is neither a
Source nor Sink T.E.)
• The values of the CP-Bits (as generated by the
Source T.E.) must be preserved as a DS3 frame
travels to the Sink T.E. (Through any number of
Mid-Network T.E.)
For more information on how CP-Bits are processed,
please see section 3.3.2.6.2
4.1.3
Alarm and Signaling-Related Overhead
Bits
The DS3 frame consists of mumerous bit-fields which
are used to support the handling of alarm and signal-
ing information. Each of these bit-fields are defined
below.
The Alarm Indication Signal (AIS) Pattern (C-Bit
Parity Framing Format only)
The Alarm Indication Signal (AIS) pattern is an alarm
signal that is inserted into the outbound DS3 stream
when a failure is detected by the Local Terminal. The
Transmit DS3 Framer will generate the AIS pattern as
defined in ANSI.T1.107a-1990, which is described as
follows.
VALID M-BITS, F-BITS, AND P-BITS
• All C-bits are zeros
• All X-bits are set to "1"
• A repeating "1010..." pattern is written into the pay-
load of the DS3 frames.
Consequently, no user (or payload) data will be trans-
mitted while the Transmit Section of the chip is trans-
mitting the AIS pattern.
The IDLE Condition Signal
The IDLE Condition signal is used to indicate that the
DS3 channel is functionally sound, but has not yet
been assigned any traffic. The Transmit Section will
transmit the IDLE Condition signal as defined in ANSI
T1.107a-1990, which is described as follows.
• Valid M-bits, F-bits, and P-bits
• The three CP-bits (F-frame #3) are zeros
• The X-bits are set to "1"
• A repeating "1100.." pattern is written into the pay-
load of the DS3 frames.
FEAC - Far End Alarm & Control (Only available
for the C-bit Parity Frame Format)
The third C-bit (C13 or FEAC) in the first F-frame is
used as the Far End Alarm and Control (FEAC) chan-
nel between the Near-End DS3 terminal and the Re-
mote DS3 terminal. The FEAC channel carries:
• Alarm and Status Information
• Loopback commands to initiate and deactivate DS3
and DS1 loopbacks at the distant terminals.
The FEAC message consists of a six (6) bit code
word of the form [d5, d4, d3, d2, d1 d0]. This mes-
sage is encapsulated with 10 framing bits to form a
16 bit FEAC Message, as illustrated below. The
FEAC signals are encoded into repeating 16 bit mes-
sage of the form:
Since each DS3 frame carries only one FEAC bit, 16
DS3 frames are required to deliver 1 complete FEAC
message. The six bits labeled "dx" can represent up-
to 64 distinct messages, of which 43 have been de-
fined in the standards. For a more detailed discus-
sion on the transmission of FEAC Messages, please
see Section 3.2.3.1.
FEBE - Far End Block Error (Only available for the
C-bit Parity Frame Format)
F-Frame # 4 consists of 3 bit fields for the FEBE (Far-
End Block Error) channel. If the (Local) Receive Sec-
tion (within the Framer IC) detects P-bit parity errors,
CP-bit errors or a framing error on the incoming (re-
ceived) DS3 stream it will inform the Transmit Section
of this fact. The Transmit Section will, in turn, set the
0
d5
d4
d3
d2
d1
d0
0111111
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com