Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 148 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 148 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 144Page - Exar Corporation XRT7250 Datasheet HTML 145Page - Exar Corporation XRT7250 Datasheet HTML 146Page - Exar Corporation XRT7250 Datasheet HTML 147Page - Exar Corporation XRT7250 Datasheet HTML 148Page - Exar Corporation XRT7250 Datasheet HTML 149Page - Exar Corporation XRT7250 Datasheet HTML 150Page - Exar Corporation XRT7250 Datasheet HTML 151Page - Exar Corporation XRT7250 Datasheet HTML 152Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
129
two framing formats is in the use of the C-bits. In the
M13 Format, the C-bits reflect the status of stuff-op-
portunities that either were or were not used while
multiplexing the 7 DS2 signals into this DS3 signal. If
two of the three stuff bits, within a F-frame, are "1",
then the associated stuff bit, Si (not shown in
Figure 41), is interpreted as being a stuff bit. In the
C-bit Parity framing format, the C bits take on different
roles, as presented in Table 17.
Definition of the DS3 Frame Overhead Bits
In general, the DS3 Frame Overhead Bits serve the
following three purposes:
1. Support Frame Synchronization between the
Local and Remote DS3 Terminals
2. Provide parity bits in order to facilitate perfor-
mance monitoring and error detection.
3. Support the transmission of Alarms, Status, and
Data Link information to the Remote DS3 Termi-
nal.
The Overhead bits supporting each of these purpos-
es are further defined below.
4.1.1
Frame Synchronization Bits (Applies to
both M13 and C-bit Parity Framing Formats)
Each DS3 Frame (M-frame) contains a total of 31 bits
that support frame synchronization. Each DS3 M-
frame contains three M-bits. According to Figure 40
and Figure 41, these M-bits are the first bits in F-
frames 5, 6 and 7. These three bits appear in each
M-frame with the repeating pattern of "010". This fact
is also presented in Figure 40 and Figure 41, which
contains bit-fields that are designated as: M0, M1,
and M0 (where M0 = "0", and M1 = "1").
Each F-frame contains four F-bits, which also aid in
synchronization between the Local and the remote
DS3 terminals. Therefore, each DS3 M-frame con-
sists of a total of 28 F-bits. These F-bits exhibit a re-
peating pattern of "1001" within each F-frame. This
fact is also presented in Figure 40 and Figure 41,
which contains bit-fields that are designated as: F1,
F0, F0, and F1 (where F0 = "0", and F1 = "1").
Each of these bit-fields will be used by the Receive
DS3 Framer block, within the remote terminal equip-
ment, to perform Frame Acquisition and Frame Main-
tenance functions.
NOTE: For more information on how the Receive DS3
Framer uses these bit-fields, please see Section 3.3.2.
4.1.2
Performance Monitoring/Error Detection
Bits (Parity)
The DS3 Frame uses numerous bit fields to support
performance monitoring of the transmission link be-
tween the Local Transmitting Terminal and the Re-
mote Receiving Terminal. The DS3 frame can con-
tain two types of parity bits, depending upon the fram-
ing format chosen. P-bits are available in both the
M13 and C-bit Parity Formats. However, the C-bit
Parity format also includes additional CP-Parity bits.
P-Bits (Applies to M13 and C-Bit Parity Frame For-
mats)
Each DS3 M-frame consists of two (2) P-bits. These
two P-bits carry the parity information of the previous
DS3 frame for performance monitoring. These two P-
bits must be identical, within a given DS3 frame. The
Transmit Section will compute the even parity over all
4704 payload bits within a given DS3 frame, and in-
sert the resulting parity information in the P-bit fields
of the very next DS3 frame. The two P-bits are set to
"1" if the payload of the previous DS3 frame consists
of an odd number of "ones" in the frame. Conversely,
TABLE 17: C-BIT FUNCTIONS FOR THE C-BIT PARITY DS3 FRAME FORMAT
C - BIT
FUNCTION OF C-BITS WHILE IN THE C-BIT PARITY FRAMING FORMAT
C11
AIC (C-Bit Parity Mode)
C12
NA (Reserved for Network Application)
C13
FEAC (Far End Alarm & Control)
C21, C22, C23
(UDL) User Data Link (undefined for DS3 Frame)
C31,C32, C33
CP (Path) Parity Bits
C41, C42, C43
FEBE (Far End Block Error) Indicators
C51, C52, C53
(DL) Path Maintenance Data Link
C61, C62, C63,
C71, C72, C73
(UDL) User Data Link (undefined for DS3 Frame)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com