Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 153 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 153 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 149Page - Exar Corporation XRT7250 Datasheet HTML 150Page - Exar Corporation XRT7250 Datasheet HTML 151Page - Exar Corporation XRT7250 Datasheet HTML 152Page - Exar Corporation XRT7250 Datasheet HTML 153Page - Exar Corporation XRT7250 Datasheet HTML 154Page - Exar Corporation XRT7250 Datasheet HTML 155Page - Exar Corporation XRT7250 Datasheet HTML 156Page - Exar Corporation XRT7250 Datasheet HTML 157Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
134
TABLE 18: LISTING AND DESCRIPTION OF THE PINS ASSOCIATED WITH THE TRANSMIT PAYLOAD DATA INPUT
INTERFACE
SIGNAL NAME
TYPE
DESCRIPTION
TxSer
Input
Transmit Serial Payload Data Input Pin:
If the user opts to operate the XRT7250 in the serial mode, then the Terminal Equipment is
expected to apply the payload data (that is to be transported via the outbound DS3 data
stream) to this input pin. The XRT7250 will sample the data that is at this input pin upon the
rising edge either the RxOutClk or the TxInClk signal (whichever is appropriate).
NOTE: This signal is only active if the NibInt input pin is pulled "Low".
TxNib[3:0]
Input
Transmit Nibble-Parallel Payload Data Input pins:
If the user opts to operate the XRT7250 in the Nibble-Parallel mode, then the Terminal Equip-
ment is expected to apply the payload data (that is to be transported via the outbound DS3
data stream) to these input pins. The XRT7250 will sample the data that is at these input pins
upon the rising edge of the TxNibClk signal.
NOTE: These pins are only active if the NibInt input pin is pulled "High".
TxNibFrame
Output Transmit End of Frame Output Indicator - Nibble Mode
The Transmit Section of the XRT7250 will pulse this output pin "High" (for one nibble-period),
when the Transmit Payload Data Input Interface is processing the last nibble of a given DS3
frame.
The purpose of this output pin is to alert the Terminal Equipment that it needs to begin trans-
mission of a new DS3 frame to the XRT7250.
TxInClk
Input
Transmit Section Timing Reference Clock Input pin:
The Transmit Section of the XRT7250 can be configured to use this clock signal as the Timing
Reference. If the user has made this configuration selection, then the XRT7250 will use this
clock signal to sample the data on the TxSer input pin.
NOTE: If this configuration has been selected, then a 44.736 MHz clock signal must be applied
to this input pin.
TxNibClk
Output Transmit Nibble Mode Output
If the user opts to operate the XRT7250 in the Nibble-Parallel mode, then the XRT7250 will
derive this clock signal from the selected Timing Reference for the Transmit Section of the chip
(e.g., either the TxInClk or the RxLineClk signals).
The user is advised to configure the Terminal Equipment to output the outbound payload data
(to the XRT7250 Framer IC) onto the TxNib[3:0] input pins, upon the rising edge of this clock
signal.
NOTE: For DS3 Applications, the XRT7250 Framer IC will output 1176 clock edges (to the Ter-
minal Equipment) for each outbound DS3 frame.
TxOHInd
Output Transmit Overhead Bit Indicator Output:
This output pin will pulse "High" one-bit period prior to the time that the Transmit Section of the
XRT7250 will be processing an Overhead bit. The purpose of this output pin is to warn the
Terminal Equipment that, during the very next bit-period, the XRT7250 is going to be process-
ing an Overhead bit and will be ignoring any data that is applied to the TxSer input pin.
For DS3 applications, this output pin is only active if the XRT7250 is operating in the Serial
Mode. This output pin will be pulled "Low" if the device is operating in the Nibble-Parallel
Mode.
TxFrame
Output Transmit End of Frame Output Indicator:
The Transmit Section of the XRT7250 will pulse this output pin "High" (for one bit-period),
when the Transmit Payload Data Input Interface is processing the last bit of a given DS3 frame.
The purpose of this output pin is to alert the Terminal Equipment that it needs to begin trans-
mission of a new DS3 frame to the XRT7250 (e.g., to permit the XRT7250 to maintain Transmit
DS3 framing alignment control over the Terminal Equipment).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com