Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 155 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 155 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 151Page - Exar Corporation XRT7250 Datasheet HTML 152Page - Exar Corporation XRT7250 Datasheet HTML 153Page - Exar Corporation XRT7250 Datasheet HTML 154Page - Exar Corporation XRT7250 Datasheet HTML 155Page - Exar Corporation XRT7250 Datasheet HTML 156Page - Exar Corporation XRT7250 Datasheet HTML 157Page - Exar Corporation XRT7250 Datasheet HTML 158Page - Exar Corporation XRT7250 Datasheet HTML 159Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
136
Figure 44 presents an illustration of the Transmit Pay-
load Data Input Interface block (within the XRT7250)
being interfaced to the Terminal Equipment, for Mode
1 operation.
Mode 1, Operation of the Terminal Equipment
When the XRT7250 is operating in this mode, it will
function as the source of the 44.736MHz clock signal
(via the RxOutClk signal). This clock signal will be
used as the Terminal Equipment Interface clock by
both the XRT7250 IC and the Terminal Equipment.
The Terminal Equipment will serially output the pay-
load data of the outbound DS3 data stream via its
DS3_Data_Out pin. The Terminal Equipment will up-
date the data on the DS3_Data_Out pin upon the ris-
ing edge of the 44.736 MHz clock signal, at its
DS3_Clock_In input pin (as depicted in Figure 44 and
Figure 45).
The XRT7250 will latch the outbound DS3 data
stream (from the Terminal Equipment) on the rising
edge of the RxOutClk signal.
The XRT7250 will indicate that it is processing the
last bit, within a given outbound DS3 frame, by puls-
ing its TxFrame output pin "High" for one bit-period.
When the Terminal Equipment detects this pulse at its
Tx_Start_of_Frame input, it is expected to begin
transmission of the very next outbound DS3 frame to
the XRT7250 via the DS3_Data_Out (or TxSer pin).
Finally, the XRT7250 will indicate that it is about to
process an overhead bit by pulsing the TxOH_Ind
output pin "High" one bit period prior to its processing
of an OH (Overhead) bit. In Figure 44, the TxOH_Ind
output pin is connected to the DS3_Overhead_Ind in-
put pin of the Terminal Equipment. Whenever the
DS3_Overhead_Ind pin is pulsed "High" the Terminal
Equipment is expected to not transmit a DS3 payload
bit upon the very next clock edge. Instead, the Termi-
nal Equipment is expected to delay its transmission of
the very next payload bit, by one clock cycle.
The behavior of the signals, between the XRT7250
and the Terminal Equipment, for DS3 Mode 1 opera-
tion is illustrated in Figure 45.
FIGURE 44. ILLUSTRATION OF THE TERMINAL EQUIPMENT BEING INTERFACED TO THE TRANSMIT PAYLOAD DATA
INPUT INTERFACE BLOCK (OF THE XRT7250) FOR MODE 1(SERIAL/LOOP-TIMING) OPERATION
Terminal Equipment
XRT7250 DS3 Framer
DS3_Data_Out
DS3_Clock_In
Tx_Start_of_Frame
DS3_Overhead_Ind
TxSer
RxOutClk
TxFrame
TxOH_Ind
NibInt
44.736 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com