Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 156 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 156 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 152Page - Exar Corporation XRT7250 Datasheet HTML 153Page - Exar Corporation XRT7250 Datasheet HTML 154Page - Exar Corporation XRT7250 Datasheet HTML 155Page - Exar Corporation XRT7250 Datasheet HTML 156Page - Exar Corporation XRT7250 Datasheet HTML 157Page - Exar Corporation XRT7250 Datasheet HTML 158Page - Exar Corporation XRT7250 Datasheet HTML 159Page - Exar Corporation XRT7250 Datasheet HTML 160Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
137
.
How to configure the XRT7250 into the Serial/
Loop-Timed/Non-Overhead Interface Mode
1. Set the NibIntf input pin "Low".
2. Set the TimRefSel[1:0] bit fields (within the
Framer Operating Mode Register) to "00", as
illustrated below.
3. Interface the XRT7250, to the Terminal Equip-
ment, as illustrated in Figure 44.
NOTE: The XRT7250 Framer IC cannot support the Framer
Local Loop-back Mode of operation, when operating in the
Loop-Timing Mode. The user must configure the XRT7250
Framer IC into any of the following modes, prior to configur-
ing the Framer Local Loop-back Mode.
• Mode 2 - Serial/Local-Timed/Frame-Slave Mode.
• Mode 3 - Serial/Local-Timed/Frame-Master Mode.
• Mode 5 - Nibble-Parallel/Local-Timed/Frame-Slave
Mode.
• Mode 6 - Nibble-Parallel/Local-Timed/Frame-Mas-
ter Mode.
For more detailed information on Framer Local Loop-
back Mode of operation, please see Section 6.0.
4.2.1.2
Mode 2 - The Serial/Local-Timed/
Frame-Slave Mode Behavior of the XRT7250
If the XRT7250 has been configured to operate in this
mode, then the XRT7250 will function as follows.
A. Local-Timing - Uses the TxInClk signal as the
Timing Reference
In this mode, the Transmit Section of the XRT7250
will use the TxInClk signal as its timing reference.
B. Serial Mode
FIGURE 45. BEHAVIOR OF THE TERMINAL INTERFACE SIGNALS BETWEEN THE TRANSMIT PAYLOAD DATA INPUT
INTERFACE BLOCK OF THE XRT7250 AND THE TERMINAL EQUIPMENT (FOR MODE 1 OPERATION)
Terminal Equipment Signals
DS3_Clock_In
DS3_Data_Out
Tx_Start_of_Frame
DS3_Overhead_Ind
XRT7250 Transmit Payload Data I/F Signals
RxOutClk
TxSer
TxFrame
TxOH_Ind
Payload[4702]
Payload[4703]
X-Bit
Payload[0]
Payload[4702]
Payload[4703]
X-Bit
Payload[0]
Note: X-Bit will not be processed by the
Transmit Payload Data Input Interface.
DS3 Frame Number N
DS3 Frame Number N + 1
Note: TxFrame pulses high to denote
DS3 Frame Boundary.
Note: TxOH_Ind pulses high to
denote Overhead Data
(e.g., the X-bit).
FRAMER OPERATING MODE REGISTER (ADDRESS = 0X00)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT2
BIT 1
BIT 0
Local Loopback
DS3/E3*
Internal
LOS Enable
RESET
Interrupt
Enable Reset
Frame Format
TimRefSel[1:0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
00
1
0
1
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com