Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 154 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 154 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 150Page - Exar Corporation XRT7250 Datasheet HTML 151Page - Exar Corporation XRT7250 Datasheet HTML 152Page - Exar Corporation XRT7250 Datasheet HTML 153Page - Exar Corporation XRT7250 Datasheet HTML 154Page - Exar Corporation XRT7250 Datasheet HTML 155Page - Exar Corporation XRT7250 Datasheet HTML 156Page - Exar Corporation XRT7250 Datasheet HTML 157Page - Exar Corporation XRT7250 Datasheet HTML 158Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
135
Operation of the Transmit Payload Data Input In-
terface
The Transmit Payload Data Input Interface is ex-
tremely flexible, in that it permits the user to make the
following configuration options.
• The Serial or the Nibble-Parallel Interface Mode
• The Loop-Timing or the TxInClk (Local Timing)
Mode
Further, if the XRT7250 has been configured to oper-
ate in the TxInClk (Local Timing) mode, then the user
has two additional options.
• The XRT7250 functions as the Frame Master (e.g.,
it dictates when the Terminal Equipment will initiate
the transmission of data within a new DS3 frame).
• The XRT7250 functions as the Frame Slave (e.g.,
the Terminal Equipment will dictate when the
XRT7250 initiates the transmission of a new DS3
frame).
Given these three set of options, the Transmit Termi-
nal Input Interface can be configured to operate in
one of the six (6) following modes.
• Mode 1 - Serial/Loop-Timed Mode
• Mode 2 - Serial/Local-Timed/Frame Slave Mode
• Mode 3 - Serial/Local-Timed/Frame Master Mode
• Mode 4 - Nibble/Loop-Timed Mode
• Mode 5 - Nibble/Local-Timed/Frame Slave Mode
• Mode 6 - Nibble/Local-Timed/Frame Master Mode
Each of these modes are described, in detail, below.
4.2.1.1
Mode 1 - The Serial/Loop-Timing Mode
The Behavior of the XRT7250
If the XRT7250 has been configured to operate in this
mode, then the XRT7250 will behave as follows.
A. Loop-Timing (Uses the RxLineClk signal as the
Timing Reference)
Since the XRT7250 is configured to operate in the
loop-timed mode, the Transmit Section (of the
XRT7250) will use the RxLineClk input clock signal
(e.g., the Recovered Clock signal, from the LIU) as its
timing source. When the XRT7250 is operating in
this mode it will do the following.
1. It will ignore any signal at the TxInClk input pin.
2. The XRT7250 will output a 44.736MHz clock sig-
nal via the RxOutClk output pin. This clock signal
functions as the Transmit Payload Data Input
Interface block clock signal.
3. The XRT7250 will use the rising edge of the
RxOutClk signal to latch in the data residing on
the TxSer input pin.
B. Serial Mode
The XRT7250 will accept the DS3 payload data from
the Terminal Equipment, in a serial-manner, via the
TxSer input pin The Transmit Payload Data Input In-
terface block will latch this data into its circuitry, on the
rising edge of the RxOutClk output clock signal.
C. Delineation of outbound DS3 frames
The XRT7250 will pulse the TxFrame output pin
"High" for one bit-period coincident with the XRT7250
processing the last bit of a given DS3 frame.
D. Sampling of Payload Data, from the Terminal
Equipment
In Mode 1, the XRT7250 will sample the data at the
TxSer input, on the rising edge of RxOutClk.
Interfacing the Transmit Payload Data Input Inter-
face block (of the XRT7250) to the Terminal Equip-
ment for Mode 1 Operation
TxFrameRef
Input
Transmit Frame Reference Input:
The XRT7250 permits the user to configure the Transmit Section to use this input pin as a
frame reference. If the user makes this configuration selection, then the Transmit Section will
initiate its transmission of a new DS3 frame, upon the rising edge of this signal.
The purpose of this input pin is to permit the Terminal Equipment to maintain Transmit DS3
Framing alignment control over the XRT7250.
RxOutClk
Output Loop-Timed Timing Reference Clock Output pin:
The Transmit Section of the XRT7250 can be configured to use the RxLineClk signal as the
Timing Reference (e.g., loop-timing). If the user has made this configuration selection, then
the XRT7250 will:
• Output a 44.736 MHz clock signal via this pin, to the Terminal Equipment.
• Sample the data on the TxSer input pin, upon the rising edge of this clock signal.
TABLE 18: LISTING AND DESCRIPTION OF THE PINS ASSOCIATED WITH THE TRANSMIT PAYLOAD DATA INPUT
INTERFACE
SIGNAL NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com