Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 142 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 142 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 138Page - Exar Corporation XRT7250 Datasheet HTML 139Page - Exar Corporation XRT7250 Datasheet HTML 140Page - Exar Corporation XRT7250 Datasheet HTML 141Page - Exar Corporation XRT7250 Datasheet HTML 142Page - Exar Corporation XRT7250 Datasheet HTML 143Page - Exar Corporation XRT7250 Datasheet HTML 144Page - Exar Corporation XRT7250 Datasheet HTML 145Page - Exar Corporation XRT7250 Datasheet HTML 146Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
123
The Line Interface and Scan Section of the XRT7250
DS3/E3 Framer IC consists of 5 output pins, 3 input
pins, a Read/Write register, and a Read-Only register.
The purpose of the Line Interface Drive and Scan
section is to permit the user to monitor and exercise
control over many aspects of the XRT7300 DS3/E3/
STS-1 LIU IC without having to develop the neces-
sary off-chip glue-logic.
Figure 39 presents a simple circuit schematic that de-
picts how the XRT7250 DS3/E3 Framer IC could be
interfaced to the XRT7300 DS3/E3/STS-1 LIU IC.
3.1
BIT-FIELDS WITHIN THE LINE INTERFACE DRIVE
REGISTER
As mentioned above, the Line Interface Drive and
Scan section consists of five output pins and three in-
put pins. The logic state of the output pins are con-
trolled by the contents within the Line Interface Drive
register, as depicted below.
The role of each of these bit-fields are their corre-
sponding output pins are depicted below.
FIGURE 39. SCHEMATIC DEPICTING HOW TO INTERFACE THE XRT7250 DS3/E3 FRAMER IC TO THE XRT7300 DS3/
E3/STS-1 LIU IC
5V
U1
XRT7250
TxPOS
65
TxNEG
64
TxLineClk
63
DMO
79
ExtLOS
78
RLOL
77
LLOOP
69
RLOOP
70
TAOS
68
TxLEV
67
ENCODIS
66
REQB
71
RxPOS
76
RxNEG
75
RxLineClk
74
MOTO
27
RESETB
28
A0
15
A1
16
A2
17
A3
18
A4
19
A5
20
A6
21
A7
22
A8
23
D0
32
D1
33
D2
34
D3
35
D4
36
D5
37
D6
38
D7
39
Rdy_Dtck
6
WRB_RW
7
RDB_DS
10
CSB
8
ALE_AS
9
INTB
13
TxSER
46
TxInClk
43
TxFrame
61
RxSer
86
RxClk
88
RxFrame
90
RxLOS
95
RxOOF
94
RxRED
93
RxAIS
87
NIBBLEINTF
25
U2
XRT7300
TPDATA
37
TNDATA
38
TCLK
36
RCLK1
31
RNEG
32
RPOS
33
TTIP
41
TRING
40
MTIP
44
MRING
43
RRING
9
RTIP
8
DMO
4
RLOS
24
RLOL
23
LLB
14
RLB
15
TAOS
2
TxLEV
1
ENCODIS
21
REQDIS
12
T1
1:1
1
5
4
8
T2
1:1
1
5
4
8
R1
36
1
2
R2
36
1
2
R6
37.5
R3
270
1
2
R4
270
1
2
R5
37.5
C1
0.01uF
1
2
TxSER
TxInClk
NIBBLEINTF
RESETB
RTIP
RRING
CSB
RW
DS
AS
TxFrame
RxSer
RxClk
RxFrame
RxLOS
RxOOF
RxRED
RxAIS
A[8:0]
TRING
TTIP
INTB
D[7:0]
INTB
LINE INTERFACE DRIVE REGISTER (ADDRESS = 0X80)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
REQB
TAOS
ENCODIS
TXLEV
RLOOP
LLOOP
R/O
R/O
R/W
R/W
R/W
R/W
R/W
R/W
0
0001
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com