Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 169 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 169 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 165Page - Exar Corporation XRT7250 Datasheet HTML 166Page - Exar Corporation XRT7250 Datasheet HTML 167Page - Exar Corporation XRT7250 Datasheet HTML 168Page - Exar Corporation XRT7250 Datasheet HTML 169Page - Exar Corporation XRT7250 Datasheet HTML 170Page - Exar Corporation XRT7250 Datasheet HTML 171Page - Exar Corporation XRT7250 Datasheet HTML 172Page - Exar Corporation XRT7250 Datasheet HTML 173Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
150
error-checking/detection of a DS3 data stream, as it
is transmitted from one Terminal Equipment to adja-
cent Terminal Equipment (e.g., point-to-point check-
ing). Hence, the user cannot insert his/her value for
the P-bits into the outbound DS3 data stream, via the
Transmit Overhead Data Input Interface.
In contrast to “P” bits, “CP” bits are used perform er-
ror-checking/detection of a DS3 data stream from the
Source Terminal Equipment to the Sink Terminal
Equipment. In applications where a given DS3 data
stream is received via one port, and is output via an-
other port, it is necessary that the “CP” bit-values re-
main constant. The only way to insure this to (1) ex-
tract out the “CP” bit values, via the Receiving Line
Card and (2) insert these CP-bit values into the out-
bound DS3 data stream, via the Transmit Overhead
Data Input Interface block. Hence, the Transmit Over-
head Data Input Interface block will permit the user to
externally insert the “CP” bits into the outbound DS3
data stream.
The Alarm and signaling related Overhead bits
Bits that are used to transport the alarm conditions
can be either internally generated by the Transmit
Section within the XRT7250, or can be externally
generated and inserted into the outbound DS3 data
stream, via the Transmit Overhead Data Input Inter-
face. The DS3 frame overhead bits that fall into this
category are:
• The X bits
• The FEAC bits
• The FEBE bits.
The Data Link Related Overhead Bits
The DS3 frame structure also contains bits which can
be used to transport User Data Link information and
Path Maintenance Data Link information. The UDL
(User Data Link) bits are only accessible via the
Transmit Overhead Data Input Interface. The Path
Maintenance Data Link (PMDL) bits can either be
sourced from the Transmit LAPD Controller/Buffer or
via the Transmit Overhead Data Input Interface.
Table 19 lists the Overhead Bits within the DS3 frame.
Additionally, this table also indicates whether or not
these overhead bits can be sourced by the Transmit
Overhead Data Input Interface or not.
NOTES:
* The XRT7250 contains mask register bits that per-
mit the user to alter the state of the internally generat-
ed value for these bits.
+ The Transmit LAPD Controller/Buffer can be config-
ured to be the source of the DL bits, within the out-
bound DS3 data stream.
In all, the Transmit Overhead Data Input Interface
permits the user to insert overhead data into the out-
bound DS3 frames via the following two different
methods.
• Method 1 - Using the TxOHClk clock signal
• Method 2 - Using the TxInClk and the TxOHEnable
signals.
Each of these methods are described below.
4.2.2.1
4.2.2.1 Method 1 - Using the TxOHClk
Clock Signal
The Transmit Overhead Data Input Interface consists
of the five signals. Of these five (5) signals, the fol-
lowing four (4) signals are to be used when imple-
menting Method 1.
• TxOH
• TxOHClk
• TxOHFrame
TABLE 19: A LISTING OF THE OVERHEAD BITS WITHIN THE DS3 FRAME, AND THEIR POTENTIAL SOURCES, WITHIN THE
XRT7250 IC
OVERHEAD BIT
INTERNALLY GENERATED
ACCESSIBLE VIA THE TRANSMIT OVERHEAD
DATA INPUT INTERFACE
BUFFER/REGISTER
ACCESSIBLE
PYes
No
Yes*
X
Yes
Yes
Yes
FYes
No
Yes*
MYes
No
Yes*
FEAC
No
Yes
Yes
FEBE
Yes
Yes
Yes
DL
No
Yes
Yes+
UDL
No
Yes
No
CP
No
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com