Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 172 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 172 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 168Page - Exar Corporation XRT7250 Datasheet HTML 169Page - Exar Corporation XRT7250 Datasheet HTML 170Page - Exar Corporation XRT7250 Datasheet HTML 171Page - Exar Corporation XRT7250 Datasheet HTML 172Page - Exar Corporation XRT7250 Datasheet HTML 173Page - Exar Corporation XRT7250 Datasheet HTML 174Page - Exar Corporation XRT7250 Datasheet HTML 175Page - Exar Corporation XRT7250 Datasheet HTML 176Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
153
TABLE 21: THE RELATIONSHIP BETWEEN THE NUMBER OF RISING CLOCK EDGES IN TXOHCLK, (SINCE TXOHFRAME
WAS LAST SAMPLED
"HIGH") TO THE DS3 OVERHEAD BIT, THAT IS BEING PROCESSED
NUMBER OF RISING CLOCK EDGES IN
TXOHCLK
THE OVERHEAD BIT EXPECTED BY THE
XRT7250
CAN THIS OVERHEAD BIT BE ACCEPTED BY
THE
XRT7250?
0 (Clock edge is coincident with TxO-
HFrame being detected "High")
XYes
1F1
No
2AIC
Yes
3F0
No
4NA
Yes
5F0
No
6FEAC
Yes
7F1
No
8X
Yes
9F1
No
10
UDL
Yes
11
F0
No
12
UDL
Yes
13
F0
No
14
UDL
Yes
15
F1
No
16
P
No
17
F1
No
18
CP
Yes
19
F0
No
20
CP
Yes
21
F0
No
22
CP
Yes
23
F1
No
24
P
No
25
F1
No
26
FEBE
Yes
27
F0
No
28
FEBE
Yes
29
F0
No
30
FEBE
Yes
31
F1
No
32
M0
No
33
F1
No
34
DL
Yes
35
F0
No
36
DL
Yes
37
F0
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com