Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 176 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 176 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 172Page - Exar Corporation XRT7250 Datasheet HTML 173Page - Exar Corporation XRT7250 Datasheet HTML 174Page - Exar Corporation XRT7250 Datasheet HTML 175Page - Exar Corporation XRT7250 Datasheet HTML 176Page - Exar Corporation XRT7250 Datasheet HTML 177Page - Exar Corporation XRT7250 Datasheet HTML 178Page - Exar Corporation XRT7250 Datasheet HTML 179Page - Exar Corporation XRT7250 Datasheet HTML 180Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
157
Method 2 Operation of the Terminal Equipment
If the Terminal Equipment intends to insert any over-
head data into the outbound DS3 data stream (via the
Transmit Overhead Data Input Interface), then it is ex-
pected to do the following.
1. To sample the state of both the TxOHFrame and
the TxOHEnable input signals, via the
DS3_Clock_In (e.g., either the TxInClk or the
RxOutClk signal of the XRT7250) signal. If the
Terminal Equipment samples the TxOHEnable
signal "High", then it knows that the XRT7250 is
about to process an overhead bit. Further, if the
Terminal Equipment samples both the TxO-
HFrame and the TxOHEnable pins "High" (at the
same time) then the Terminal Equipment knows
that the XRT7250 is about to process the first
overhead bit, within a new DS3 frame.
2. To keep track of the number of times that the
TxOHEnable signal has been sampled "High"
since the last time both the TxOHFrame and the
TxOHEnable signals were sampled "High". By
doing this, the Terminal Equipment will be able to
keep track of which overhead bit the Transmit
Overhead Data Input Interface is about ready to
process. From this, the Terminal Equipment will
know when it should assert the TxOHIns input pin
and place the appropriate value on the TxOH
input pins (of the XRT7250).
Table 23 also relates the number of TxOHEnable out-
put pulses (that have occurred since both the TxO-
HFrame and TxOHEnable pins were sampled "High")
to the DS3 overhead bit, that is being processed.
FIGURE 59. ILLUSTRATION OF THE TERMINAL EQUIPMENT BEING INTERFACED TO THE TRANSMIT OVERHEAD DATA
INPUT INTERFACE (METHOD 2)
Terminal Equipment
XRT7250 DS3 Framer
DS3_OH_Out
DS3_OH_Enable
Tx_Start_of_Frame
TxOHEnable
TxOHFrame
TxOHIns
44.736 MHz Clock Source
TxInClk
TxOH
Insert_OH
RxLineClk
44.736 MHz
Clock Source
DS3_Clock_In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com