Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 175 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 175 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 171Page - Exar Corporation XRT7250 Datasheet HTML 172Page - Exar Corporation XRT7250 Datasheet HTML 173Page - Exar Corporation XRT7250 Datasheet HTML 174Page - Exar Corporation XRT7250 Datasheet HTML 175Page - Exar Corporation XRT7250 Datasheet HTML 176Page - Exar Corporation XRT7250 Datasheet HTML 177Page - Exar Corporation XRT7250 Datasheet HTML 178Page - Exar Corporation XRT7250 Datasheet HTML 179Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
156
b. Set the TxOH input to 0.
Once again, after the Terminal Equipment has ap-
plied these signals, the XRT7250 will sample the data
on both the TxOHIns and TxOH signal upon the very
next falling edge of TxOHClk (designated as 8- in
Figure 58). Once the XRT7250 has sampled this da-
ta, it will then insert a "0" into the second X bit posi-
tion, in the outbound DS3 frame.
4.2.2.2
Method 2 - Using the TxInClk and TxO-
HEnable Signals
Method 1 requires the use of an additional clock sig-
nal, TxOHClk. However, there may be a situation in
which the user does not wish to accommodate and
process this extra clock signal to their design, in order
to use the Transmit Overhead Data Input Interface.
Hence, Method 2 is available. When using Method 2,
either the TxInClk or RxOutClk signal is used to sam-
ple the overhead bits and signals which are input to
the Transmit Overhead Data Input Interface. Method
2 involves the use of the following signals:
• TxOH
• TxInClk
• TxOHFrame
• TxOHEnable
Each of these signals are listed and described in
Table 22.
Interfacing the Transmit Overhead Data Input Interface
to the Terminal Equipment
Figure 59 illustrates how one should interface the
Transmit Overhead Data Input Interface to the Termi-
nal Equipment when using Method 2.
TABLE 22: DESCRIPTION OF METHOD 2 TRANSMIT OVERHEAD INPUT INTERFACE SIGNALS
NAME
TYPE
DESCRIPTION
TxOHEnable
Output
Transmit Overhead Data Enable Output pin
The XRT7250 will assert this signal, for one TxInClk period, just prior to the instant that
the Transmit Overhead Data Input Interface is processing an overhead bit.
TxOHFrame
Output
Transmit Overhead Input Interface Frame Boundary Indicator Output:
This output signal pulses "High" when the XRT7250 is processing the last bit within a
given DS3 frame.
TxOHIns
Input
Transmit Overhead Data Insert Enable input pin.
Asserting this input signal (e.g., setting it "High") enables the Transmit Overhead Data Input Inter-
face to accept overhead data from the Terminal Equipment. In other words, while this input pin is
"High", the Transmit Overhead Data Input Interface will sample the data at the TxOH input pin, on
the falling edge of the TxInClk output signal.
Conversely, setting this pin "Low" configures the Transmit Overhead Data Input Interface to NOT
sample (e.g., ignore) the data at the TxOH input pin, on the falling edge of the TxOHClk output
signal.
NOTE: If the Terminal Equipment attempts to insert an overhead bit that cannot be accepted by
the Transmit Overhead Data Input Interface (e.g., if the Terminal Equipment asserts the TxOHIns
signal, at a time when one of these non-insertable overhead bits are being processed), that par-
ticular insertion effort will be ignored.
TxOH
Input
Transmit Overhead Data Input pin:
The Transmit Overhead Data Input Interface accepts the overhead data via this input
pin, and inserts into the overhead bit position within the very next outbound DS3 frame.
If the TxOHIns pin is pulled "High", the Transmit Overhead Data Input Interface will sam-
ple the data at this input pin (TxOH), on the falling edge of the TxOHClk output pin.
Conversely, if the TxOHIns pin is pulled "Low", then the Transmit Overhead Data Input
Interface will NOT sample the data at this input pin (TxOH). Consequently, this data will
be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com