Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 174 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 174 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 170Page - Exar Corporation XRT7250 Datasheet HTML 171Page - Exar Corporation XRT7250 Datasheet HTML 172Page - Exar Corporation XRT7250 Datasheet HTML 173Page - Exar Corporation XRT7250 Datasheet HTML 174Page - Exar Corporation XRT7250 Datasheet HTML 175Page - Exar Corporation XRT7250 Datasheet HTML 176Page - Exar Corporation XRT7250 Datasheet HTML 177Page - Exar Corporation XRT7250 Datasheet HTML 178Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
155
In Figure 58 the Terminal Equipment samples the Tx-
OHFrame signal being "High" at the rising clock edge
# 0. At this point, the Terminal Equipment knows that
the XRT7250 is just about to process the very first
overhead bit within a given outbound DS3 frame. Ad-
ditionally, according to Table 21, the very first over-
head bit to be processed is the first X bit. In order to
facilitate the transmission of the Yellow Alarm, the
Terminal Equipment must set this X bit to 0. Hence,
the Terminal Equipment starts this process by imple-
menting the following steps concurrently.
a. Assert the TxOHIns input pin by setting it "High".
b. Set the TxOH input pin to 0.
After the Terminal Equipment has applied these sig-
nals, the XRT7250 will sample the data on both the
TxOHIns and TxOH signals upon the very next falling
edge of TxOHClk (designated at 0- in Figure 58.
Once the XRT7250 has sampled this data, it will then
insert a "0" into the first X bit position, in the outbound
DS3 frame.
Upon detection of the very next rising edge of the Tx-
OHClk clock signal (designated as clock edge 1 in
Figure 58), the Terminal Equipment will negate the
TxOHIns signal (e.g., toggles it "Low") and will cease
inserting data into the Transmit Overhead Data Input
Interface, until rising clock edge # 8 (of the TxOHClk
signal). According to Table 21, rising clock edge # 8
indicates that the XRT7250 is just about ready to pro-
cess the second X bit within the outbound DS3 frame.
Once again, in order to facilitate the transmission of
the Yellow Alarm this X-Bit must also be set to 0.
Hence, the Terminal Equipment will (once again) im-
plement the following steps, concurrently.
a. Assert the TxOHIns input pin by setting it "High".
FIGURE 58. ILLUSTRATION OF THE SIGNAL THAT MUST OCCUR BETWEEN THE TERMINAL EQUIPMENT AND THE
XRT7250, IN ORDER TO CONFIGURE THE XRT7250 TO TRANSMIT A YELLOW ALARM TO THE REMOTE TERMINAL
EQUIPMENT
Terminal Equipment/XRT7250 Interface Signals
TxOHClk
TxOHIns
TxOHFrame
TxOH
Remaining Overhead Bits with DS3 Frame
X bit = 0
X bit = 0
TxOHFrame is sample “high”
Terminal Equipment asserts
“TxOHIns” and data on “TxOH” line
XRT7250 device samples the TxOHIns and
TxOH signals.
TxOHFrame is sample “high”
Terminal Equipment asserts
“TxOHIns” and data on “TxOH” line
XRT7250 device samples the TxOHIns and
TxOH signals.
0
0-
1
2
3
4
5
6
7
8
8-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com