Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 167 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 167 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 163Page - Exar Corporation XRT7250 Datasheet HTML 164Page - Exar Corporation XRT7250 Datasheet HTML 165Page - Exar Corporation XRT7250 Datasheet HTML 166Page - Exar Corporation XRT7250 Datasheet HTML 167Page - Exar Corporation XRT7250 Datasheet HTML 168Page - Exar Corporation XRT7250 Datasheet HTML 169Page - Exar Corporation XRT7250 Datasheet HTML 170Page - Exar Corporation XRT7250 Datasheet HTML 171Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
148
The Terminal Equipment will serially output the data
on the DS3_Data_Out[3:0] pins upon the rising edge
of the signal at the DS3_Clock_In input pin. The
XRT7250 will latch the data, residing on the Tx-
Nib[3:0] input pins, on the rising edge of the TxNibClk
signal.
In this case the XRT7250 has the responsibility of
providing the framing reference signal by pulsing the
TxFrame output pin (and in turn the
Tx_Start_of_Frame input pin of the Terminal Equip-
ment) "High" for one bit-period, coincident with the
last bit within a given DS3 frame.
Finally, the XRT7250 will always internally generate
the Overhead bits, when it is operating in both the
DS3 and Nibble-parallel modes. The XRT7250 will
pull the TxOHInd input pin "Low".
The behavior of the signals between the XRT7250
and the Terminal Equipment for DS3 Mode 6 Opera-
tion is illustrated in Figure 55.
How to configure the XRT7250 into Mode 6
1. Set the NibInt input pin "High".
2. Set the TimRefSel[1:0] bit-fields (within the
Framer Operating Mode Register) to 1X as illus-
trated below.
FIGURE 55. BEHAVIOR OF THE TERMINAL INTERFACE SIGNALS BETWEEN THE XRT7250 AND THE TERMINAL EQUIP-
MENT
(DS3 MODE 6 OPERATION)
Terminal Equipment Signals
XRT7250 Transmit Payload Data I/F Signals
DS3 Frame Number N
DS3 Frame Number N + 1
Note: TxNibFrame pulses high to denote
DS3 Frame Boundary.
TxInClk
Tx_Start_of_Frame
DS3_Nib_Clock_In
DS3_Data_Out[3:0]
Nibble [1175]
Nibble [0]
TxInClk
TxNibFrame
TxNibClk
TxNib[3:0]
Nibble [1175]
Nibble [0]
Sampling Edge of the XRT7250 Device
FRAMER OPERATING MODE REGISTER (ADDRESS = 0X00)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT2
BIT 1
BIT 0
Local Loopback
DS3/E3*
Internal LOS
Enable
RESET
Interrupt
Enable Reset
Frame Format
TimRefSel[1:0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com