Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 163 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 163 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 159Page - Exar Corporation XRT7250 Datasheet HTML 160Page - Exar Corporation XRT7250 Datasheet HTML 161Page - Exar Corporation XRT7250 Datasheet HTML 162Page - Exar Corporation XRT7250 Datasheet HTML 163Page - Exar Corporation XRT7250 Datasheet HTML 164Page - Exar Corporation XRT7250 Datasheet HTML 165Page - Exar Corporation XRT7250 Datasheet HTML 166Page - Exar Corporation XRT7250 Datasheet HTML 167Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
144
3. Interface the XRT7250, to the Terminal Equip-
ment, as illustrated in Figure 50.
NOTE: The XRT7250 Framer IC cannot support the Framer
Local Loop-back Mode of operation. The user must config-
ure the XRT7250 Framer IC into any of the following modes,
prior to configuring the Framer Local-Loop-back Mode
operation.
• Mode 2 - Serial/Local-Timed/Frame-Slave Mode.
• Mode 3 - Serial/Local-Timed/Frame-Master Mode.
• Mode 5 - Nibble-Parallel/Local-Timed/Frame-Slave
Mode.
• Mode 6 - Nibble-Parallel/Local-Timed/Frame-Mas-
ter Mode.
For more detailed information on the Framer Local
Loop-back Mode Operation, please see Section 6.0.
4.2.1.5
Mode 5 - The Nibble-Parallel/Local-
Timed/Frame-Slave Interface Mode Behavior of
the XRT7250
If the XRT7250 has been configured to operate in this
mode, then the XRT7250 will function as follows:
A. Local-Timed (Uses the TxInClk signal as the
Timing Reference)
In this mode, the Transmit Section of the XRT7250
will use the TxInClk signal at its timing reference.
Further, the chip will internally divide the TxInClk
clock signal by a factor of 4 and will output this divid-
ed clock signal via the TxNibClk output pin. The
Transmit Terminal Equipment Input Interface block
(within the XRT7250) will use the rising edge of the
TxNibClk signal, to latch the data, residing on the Tx-
Nib[3:0] into its circuitry.
B. Nibble-Parallel Mode
The XRT7250 will accept the DS3 payload data, from
the Terminal Equipment, in a parallel manner, via the
TxNib[3:0] input pins. The Transmit Terminal Equip-
ment Input Interface will latch this data into its circuit-
ry, on the rising edge of the TxNibClk output signal.
C. Delineation of outbound DS3 Frames
The Transmit Section will use the TxInClk input signal
as its timing reference and will use the TxFrameRef
input signal as its Framing Reference (e.g., the Trans-
mit Section of the XRT7250 initiates frame generation
upon the rising edge of the TxFrameRef signal).
NOTE: In this case, the Terminal Equipment should pulse
the TxFrameRef input signal (of the XRT7250 Framer IC)
coincident with it applying the first payload nibble, within a
given outbound DS3 frame. Hence, the duration of this
pulse should be one nibble-period of the DS3 signal (see
Figure 53).
D. Sampling of payload data, from the Terminal
Equipment
In Mode 5, the XRT7250 will sample the data, at the
TxNib[3:0] input pins, on the third rising edge of the
TxInClk clock signal, following a pulse in the TxNibClk
signal (see Figure 53).
NOTE: The TxNibClk signal, from the XRT7250 operates
nominally at 11.184 MHz (e.g., 44.736 MHz divided by 4).
However, for reasons described below, TxNibClk effectively
operates at a "Low"er clock frequency. The Transmit Pay-
load Data Input Interface is only used to accept the payload
data, which is intended to be carried by outbound DS3
frames. The Transmit Payload Data Input Interface is not
designed to accommodate the entire DS3 data stream.
The DS3 Frame consists of 4704 payload bits or 1176
nibbles. Therefore, the XRT7250 will supply 1176 Tx-
NibClk pulses between the rising edges of two con-
secutive TxNibFrame pulses. The DS3 Frame repeti-
tion rate is 9.398kHz. Hence, 1176 TxNibClk pulses
for each DS3 frame period amounts to TxNibClk run-
ning at approximately 11.052 MHz. The method by
which the 1176 TxNibClk pulses are distributed
throughout the DS3 frame period is presented below.
Nominally, the Transmit Section within the XRT7250
will generate a TxNibClk pulse for every 4 RxOutClk
(or TxInClk) periods. However, in 14 cases (within a
DS3 frame period), the Transmit Payload Data Input
Interface will allow 5 TxInClk periods to occur be-
tween two consecutive TxNibClk pulses.
Interfacing the Transmit Payload Data Input Inter-
face block of the XRT7250 to the Terminal Equip-
ment for Mode 5 Operation
Figure 52 presents an illustration of the Transmit Pay-
load Data Input Interface block (within the XRT7250)
being interfaced to the Terminal Equipment, for Mode
5 Operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com