Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 161 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 161 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 157Page - Exar Corporation XRT7250 Datasheet HTML 158Page - Exar Corporation XRT7250 Datasheet HTML 159Page - Exar Corporation XRT7250 Datasheet HTML 160Page - Exar Corporation XRT7250 Datasheet HTML 161Page - Exar Corporation XRT7250 Datasheet HTML 162Page - Exar Corporation XRT7250 Datasheet HTML 163Page - Exar Corporation XRT7250 Datasheet HTML 164Page - Exar Corporation XRT7250 Datasheet HTML 165Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
142
4.2.1.4
Mode 4 - The Nibble-Parallel/Loop-
Timed Mode Behavior of the XRT7250
If the XRT7250 has been configured to operate in this
mode, then the XRT7250 will behave as follows.
A. Looped Timing (Uses the RxLineClk as the
Timing Reference)
In this mode, the Transmit Section of the XRT7250
will use the RxLineClk signal as its timing reference.
When the XRT7250 is operating in the Nibble-Mode,
it will internally divide the RxLineClk signal, by a fac-
tor of four (4) and will output this signal via the TxNib-
Clk output pin.
B. Nibble-Parallel Mode
The XRT7250 will accept the DS3 payload data, from
the Terminal Equipment in a nibble-parallel manner,
via the TxNib[3:0] input pins. The Transmit Terminal
Equipment Input Interface block will latch this data in-
to its circuitry, on the rising edge of the TxNibClk out-
put signal.
C. Delineation of the outbound DS3 frames
The XRT7250 will pulse the TxNibFrame output pin
"High" for one bit-period coincident with the XRT7250
processing the last nibble of a given DS3 frame.
D. Sampling of payload data, from the Terminal
Equipment
In Mode 4, the XRT7250 will sample the data, at the
TxNib[3:0] input pins, on the third rising edge of the
RxOutClk clock signal, following a pulse in the TxNib-
Clk signal (see Figure 51).
NOTE: The TxNibClk signal, from the XRT7250 operates
nominally at 11.184 MHz (e.g., 44.736 MHz divided by 4).
However, for reasons described below, TxNibClk effectively
operates at a "Low"er clock frequency. The Transmit Pay-
load Data Input Interface is only used to accept the payload
data, which is intended to be carried by outbound DS3
frames. The Transmit Payload Data Input Interface is not
designed to accommodate the entire DS3 data stream.
The DS3 Frame consists of 4704 payload bits or 1176
nibbles. Therefore, the XRT7250 will supply 1176 Tx-
NibClk pulses between the rising edges of two con-
secutive TxNibFrame pulses. The DS3 Frame repeti-
tion rate is 9.398kHz. Hence, 1176 TxNibClk pulses
for each DS3 frame period amounts to TxNibClk run-
ning at approximately 11.052 MHz. The method by
which the 1176 TxNibClk pulses are distributed
throughout the DS3 frame period is presented below.
Nominally, the Transmit Section within the XRT7250
will generate a TxNibClk pulse for every 4 RxOutClk
(or TxInClk) periods. However, in 14 cases (within a
DS3 frame period), the Transmit Payload Data Input
Interface will allow 5 TxInClk periods to occur be-
tween two consecutive TxNibClk pulses.
Interfacing the Transmit Payload Data Input Inter-
face block of the XRT7250 to the Terminal Equip-
ment for Mode 4 Operation
Figure 50 presents an illustration of the Transmit Pay-
load Data Input Interface block (within the XRT7250)
being interfaced to the Terminal Equipment, for Mode
4 Operation.
Mode 4 Operation of the Terminal Equipment
When the XRT7250 is operating in this mode, it will
function as the source of the 11.184MHz (e.g., the
44.736MHz clock signal divided by "4") clock signal,
that will be used as the Terminal Equipment Interface
clock by both the XRT7250 and the Terminal Equip-
ment.
The Terminal Equipment will output the payload data
of the outbound DS3 data stream via its
DS3_Data_Out[3:0] pins on the rising edge of the
11.184MHz clock signal at the DS3_Nib_Clock_In in-
put pin.
The XRT7250 will latch the outbound DS3 data
stream (from the Terminal Equipment) on the rising
FIGURE 50. ILLUSTRATION OF THE TERMINAL EQUIPMENT BEING INTERFACED TO THE TRANSMIT PAYLOAD DATA
INPUT INTERFACE BLOCK OF THE XRT7250 FOR MODE 4 (NIBBLE-PARALLEL/LOOP-TIMED) OPERATION
Terminal Equipment
XRT7250 DS3 Framer
DS3_Data_Out[3:0]
DS3_Nib_Clock_In
Tx_Start_of_Frame
TxNib[3:0]
TxNibClk
TxNibFrame
NibInt
VCC
4
RxLineClk
44.736MHz
11.184MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com