Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 162 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 162 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 158Page - Exar Corporation XRT7250 Datasheet HTML 159Page - Exar Corporation XRT7250 Datasheet HTML 160Page - Exar Corporation XRT7250 Datasheet HTML 161Page - Exar Corporation XRT7250 Datasheet HTML 162Page - Exar Corporation XRT7250 Datasheet HTML 163Page - Exar Corporation XRT7250 Datasheet HTML 164Page - Exar Corporation XRT7250 Datasheet HTML 165Page - Exar Corporation XRT7250 Datasheet HTML 166Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
143
edge of the TxNibClk output clock signal. The
XRT7250 will indicate that it is processing the last
nibble, within a given DS3 frame, by pulsing its TxNib-
Frame output pin "High" for one TxNibClk clock peri-
od. When the Terminal Equipment detects a pulse at
its Tx_Start_of_Frame input pin, it is expected to
transmit the first nibble, of the very next outbound
DS3 frame to the XRT7250 via the
DS3_Data_Out[3:0] (or TxNib[3:0] pins).
Finally, for the Nibble-Parallel Mode operation, the
XRT7250 will continuously pull the TxOHInd output
pin "Low".
The behavior of the signals between the XRT7250
and the Terminal Equipment for DS3 Mode 4 Opera-
tion is illustrated in Figure 51.
How to configure the XRT7250 into Mode 4
1. Set the NibIntf input pin "High".
2. Set the TimRefSel[1:0] bit-fields (within the
Framer Operating Mode Register) to “00" as illus-
trated below.
FIGURE 51. BEHAVIOR OF THE TERMINAL INTERFACE SIGNALS BETWEEN THE XRT7250 AND THE TERMINAL EQUIP-
MENT
(MODE 4 OPERATION)
Terminal Equipment Signals
XRT7250 Transmit Payload Data I/F Signals
DS3 Frame Number N
DS3 Frame Number N + 1
Note: TxNibFrame pulses high to denote
DS3 Frame Boundary.
RxOutClk
Tx_Start_of_Frame
DS3_Nib_Clock_In
DS3_Data_Out[3:0]
Nibble [1175]
Nibble [0]
RxOutClk
TxNibFrame
TxNibClk
TxNib[3:0]
Nibble [1175]
Nibble [0]
Sampling Edge of XRT7250 Device
FRAMER OPERATING MODE REGISTER (ADDRESS = 0X00)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT2
BIT 1
BIT 0
Local Loopback
DS3/E3*
Internal LOS
Enable
RESET
Interrupt
Enable Reset
Frame Format
TimRefSel[1:0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
00
1
0
1
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com