Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 164 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 164 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 160Page - Exar Corporation XRT7250 Datasheet HTML 161Page - Exar Corporation XRT7250 Datasheet HTML 162Page - Exar Corporation XRT7250 Datasheet HTML 163Page - Exar Corporation XRT7250 Datasheet HTML 164Page - Exar Corporation XRT7250 Datasheet HTML 165Page - Exar Corporation XRT7250 Datasheet HTML 166Page - Exar Corporation XRT7250 Datasheet HTML 167Page - Exar Corporation XRT7250 Datasheet HTML 168Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
145
Mode 5 Operation of the Terminal Equipment
In Figure 52 both the Terminal Equipment and the
XRT7250 will be driven by an external 11.184MHz
clock signal. The Terminal Equipment will receive the
11.184MHz clock signal via the DS3_Nib_Clock_In
input pin. The XRT7250 will output the 11.184MHz
clock signal via the TxNibClk output pin.
The Terminal Equipment will serially output the data
on the DS3_Data_Out[3:0] pins, upon the rising edge
of the signal at the DS3_Clock_In input pin.
NOTE: The DS3_Data_Out[3:0] output pins of the Terminal
Equipment is electrically connected to the TxNib[3:0] input
pins.
The XRT7250 will latch the data, residing on the Tx-
Nib[3:0] input pins, on the rising edge of the TxNibClk
signal.
In this case, the Terminal Equipment has the respon-
sibility of providing the framing reference signal by
pulsing the Tx_Start_of_Frame output pin (and in
turn, the TxFrameRef input pin of the XRT7250)
"High" for one bit-period, coincident with the first nib-
ble of a new DS3 frame. Once the XRT7250 detects
the rising edge of the input at its TxFrameRef input
pin, it will begin generation of a new DS3 frame.
Finally, the XRT7250 will always internally generate
the Overhead bits, when it is operating in both the
DS3 and Nibble-parallel modes. The XRT7250 will
pull the TxOHInd input pin "Low".
The behavior of the signals between the XRT7250
and the Terminal Equipment for DS3 Mode 5 Opera-
tion is illustrated in Figure 53.
FIGURE 52. ILLUSTRATION OF THE TERMINAL EQUIPMENT BEING INTERFACED TO THE TRANSMIT PAYLOAD DATA
INPUT INTERFACE BLOCK OF THE XRT7250 FOR MODE 5 (NIBBLE-PARALLEL/LOCAL-TIMED/FRAME-SLAVE) OPERA-
TION
Terminal Equipment
XRT7250 DS3 Framer
DS3_Data_Out[3:0]
DS3_Nib_Clock_In
Tx_Start_of_Frame
TxNib[3:0]
TxNibClk
TxFrameRef
NibInt
VCC
4
44.736MHz Clock Source
TxInClk
11.184MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com