Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 199 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 199 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 195Page - Exar Corporation XRT7250 Datasheet HTML 196Page - Exar Corporation XRT7250 Datasheet HTML 197Page - Exar Corporation XRT7250 Datasheet HTML 198Page - Exar Corporation XRT7250 Datasheet HTML 199Page - Exar Corporation XRT7250 Datasheet HTML 200Page - Exar Corporation XRT7250 Datasheet HTML 201Page - Exar Corporation XRT7250 Datasheet HTML 202Page - Exar Corporation XRT7250 Datasheet HTML 203Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
180
Setting this bit-field to “1” enables the Transmit Sec-
tion (at the Block Level) for Interrupt Generation.
Conversely, setting this bit-field to “0” disables the
Transmit Section for interrupt generation.
What does it mean for the Transmit Section Inter-
rupts to be enabled or disabled at the Block Lev-
el?
If the Transmit Section is disabled (for interrupt gener-
ation) at the Block Level, then ALL Transmit Section
interrupts are disabled, independent of the interrupt
enable/disable state of the source level interrupts.
If the Transmit Section is enabled (for interrupt gener-
ation) at the block level, then a given interrupt will be
enabled at the source level. Conversely, if the Trans-
mit Section is enabled (for interrupt generation) at the
Block level, then a given interrupt will still be disabled,
if it is disabled at the source level.
As mentioned earlier, the Transmit Section of the
XRT7250 Framer IC contains the following two inter-
rupts
• Completion of Transmission of FEAC Message
Interrupt.
• Completion of Transmission of LAPD Message
Interrupt.
The Enabling/Disabling and Servicing of each of
these interrupts is described below.
4.2.6.1.1
The Completion of Transmission of
FEAC Message Interrupt.
If the Transmit Section interrupts have been enabled
at the Block level, then the user can enable or disable
the Completion of Transmission of a FEAC Message
Interrupt by writing the appropriate value into Bit 4 (Tx
FEAC Interrupt Enable) within the Transmit DS3
FEAC Configuration & Status Register (Address =
0x31) as illustrated below.
Setting this bit-field to “1” enables the Completion of
Transmission of a FEAC Message Interrupt. Con-
versely, setting this bit-field to “0” disables this inter-
rupt.
4.2.6.1.2
Servicing the Completion of Trans-
mission of a FEAC Message Interrupt
As mentioned earlier, once the user commands the
Transmit FEAC Processor to begin its transmission of
a FEAC Message, it will do the following.
1. It will read in the six-bit contents of the Tx DS3
FEAC Register (Address = 0x32) and encapsu-
late these 6 bits into a 16-bit data structure.
2. The Transmit FEAC Processor will then begin to
transmit this 16-bit data structure (to the Remote
Terminal Equipment) repeatedly for 10 consecu-
tive times.
3. Upon completion of the 10th transmission, the
XRT7250 Framer IC will generate the Completion
of Transmission of a FEAC Message Interrupt to
the Microcontroller/Microprocessor. Once the
XRT7250 Framer IC generates this interrupt, it
will do the following.
• Assert the Interrupt Output pin (INT) by toggling it
"Low".
BLOCK INTERRUPT ENABLE REGISTER (ADDRESS = 0X04)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
RxDS3/E3
Interrupt
Enable
Not Used
TxDS3/E3
Interrupt
Enable
One Second
Interrupt
Enable
R/W
RORO
RO
RORO
R/W
R/W
00
000
000
TRANSMIT DS3 FEAC CONFIGURATION & STATUS REGISTER (ADDRESS = 0X31)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
Tx FEAC
Interrupt
Enable
TxFEAC
Interrupt
Status
TxFEAC
Enable
TxFEAC
GO
TxFEAC
Busy
RO
RO
RO
R/W
RUR
R/W
R/W
RO
00
0
X
0
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com