Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 196 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 196 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 192Page - Exar Corporation XRT7250 Datasheet HTML 193Page - Exar Corporation XRT7250 Datasheet HTML 194Page - Exar Corporation XRT7250 Datasheet HTML 195Page - Exar Corporation XRT7250 Datasheet HTML 196Page - Exar Corporation XRT7250 Datasheet HTML 197Page - Exar Corporation XRT7250 Datasheet HTML 198Page - Exar Corporation XRT7250 Datasheet HTML 199Page - Exar Corporation XRT7250 Datasheet HTML 200Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
177
NOTE: One of the main reasons that the AMI Line Code
has been chosen for driving transformer-coupled media is
that this line code introduces no dc component, thereby
minimizing dc distortion in the line.
4.2.5.1.1.2
The B3ZS Line Code
The Transmit DS3 Framer and the associated LIU IC
combine the data and timing information (originating
from the TxLineClk signal) into the line signal that is
transmitted to the far-end receiver. The far-end re-
ceiver has the task of recovering this data and timing
information from the incoming DS3 data stream.
Many clock and data recovery schemes rely on the
use of Phase Locked Loop technology. Phase-
Locked-Loop (PLL) technology for clock recovery re-
lies on transitions in the line signal, in order to main-
tain lock with the incoming DS3 data stream. Howev-
er, PLL-based clock recovery scheme, are vulnerable
to the occurrence of a long stream of consecutive ze-
ros (e.g., the absence of transitions). This scenario
can cause the PLL to lose lock with the incoming DS3
data, thereby causing the clock and data recovery
process of the receiver to fail. Therefore, some ap-
proach is needed to insure that such a long string of
consecutive zeros can never happen. One such tech-
nique is B3ZS encoding. B3ZS (or Bipolar 3 Zero
Substitution) is a form of AMI line coding that imple-
ments the following rule.
In general the B3ZS line code behaves just like AMI
with the exception of the case when a long string of
consecutive zeros occur on the line. Any string of 3
consecutive zeros will be replaced with either a 00V
or a B0V where B refers to a Bipolar pulse (e.g., a
pulse with a polarity that is compliant with the AMI
coding rule). And V refers to a Bipolar Violation pulse
(e.g., a pulse with a polarity that violates the alternat-
ing polarity scheme of AMI.) The decision between
inserting an 00V or a B0V is made to insure that an
odd number of Bipolar (B) pulses exist between any
two Bipolar Violation (V) pulses. Figure 69 presents a
timing diagram that illustrates examples of B3ZS en-
coding.
The user chooses between AMI or B3ZS line coding
by writing to bit 4 of the I/O Control Register (Address
= 0x01), as shown below.
FIGURE 68. ILLUSTRATION OF AMI LINE CODE
Data
TxPOS
TxNEG
Line Signal
1
0
1
1
0
0
0
1
0
1
1
1
1
0
1
1
0
1
1
0
0
1
1
0
0
0
0
1
FIGURE 69. ILLUSTRATION OF TWO EXAMPLES OF B3ZS ENCODING
Data
TxPOS
TxNEG
1
0
1
1
0
0
0
1
0
1
1
1
1
0
1
1
0
1
1
0
0
1
1
1
0
0
0
1
0 0
V
Line Signal
B
0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com