Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 192 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 192 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 188Page - Exar Corporation XRT7250 Datasheet HTML 189Page - Exar Corporation XRT7250 Datasheet HTML 190Page - Exar Corporation XRT7250 Datasheet HTML 191Page - Exar Corporation XRT7250 Datasheet HTML 192Page - Exar Corporation XRT7250 Datasheet HTML 193Page - Exar Corporation XRT7250 Datasheet HTML 194Page - Exar Corporation XRT7250 Datasheet HTML 195Page - Exar Corporation XRT7250 Datasheet HTML 196Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
173
4.2.5
The Transmit DS3 Line Interface Block
The XRT7250 Framer IC is a digital device that takes
DS3 payload and overhead bit information from some
terminal equipment, processes this data and ultimate-
ly, multiplexes this information into a series of out-
bound DS3 frames. However, for DS3 coaxial cable
applications, the XRT7250 Framer IC lacks the cur-
rent drive capability to be able to directly transmit this
DS3 data stream through some transformer-coupled
coax cable with enough signal strength for it to com-
ply with the Isolated Pulse Template requirements
and be received by the remote receiver. Therefore, in
order to get around this problem, the Framer IC re-
quires the use of an LIU (Line Interface Unit) IC. An
LIU is a device that has sufficient drive capability,
along with the necessary pulse-shaping circuitry to
be able to transmit a signal through the transmission
medium in a manner that it can (1) comply with the
DSX-3 Isolated Pulse Template requirements and (2)
be reliably received by the Remote Terminal Equip-
ment. Figure 65 presents a circuit drawing depicting
the Framer IC interfacing to an LIU (XRT7300 DS3/
E3/STS-1 Transmit LIU).
TX DS3 F-BIT MASK2 REGISTER, ADDRESS = 0X37
BIT 7BIT 6BIT 5BIT 4BIT 3BIT2BIT 1BIT 0
FBit Mask(23) FBit Mask(22) FBit Mask(21) FBit Mask(20) FBit Mask(19) FBit Mask(18) FBit Mask(17) FBit Mask(16)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0
0000
000
TX DS3 F-BIT MASK3 REGISTER, ADDRESS = 0X38
BIT 7BIT 6BIT 5BIT 4BIT 3BIT2BIT 1BIT 0
FBit Mask(15) FBit Mask(14) FBit Mask(13) FBit Mask(12) FBit Mask(11) FBit Mask(10) FBit Mask(9)
FBit Mask(8)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0
0000
000
TX DS3 F-BIT MASK4 REGISTER, ADDRESS = 0X39
BIT 7BIT 6BIT 5BIT 4BIT 3BIT2BIT 1BIT 0
FBit Mask(7)
FBit Mask(6)
FBit Mask(5)
FBit Mask(4)
FBit Mask(3)
FBit Mask(2)
FBit Mask(1)
FBit Mask(0)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0
0000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com