Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 194 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 194 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 190Page - Exar Corporation XRT7250 Datasheet HTML 191Page - Exar Corporation XRT7250 Datasheet HTML 192Page - Exar Corporation XRT7250 Datasheet HTML 193Page - Exar Corporation XRT7250 Datasheet HTML 194Page - Exar Corporation XRT7250 Datasheet HTML 195Page - Exar Corporation XRT7250 Datasheet HTML 196Page - Exar Corporation XRT7250 Datasheet HTML 197Page - Exar Corporation XRT7250 Datasheet HTML 198Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
175
The Transmit DS3 LIU Interface block can transmit
data to the LIU IC or other external circuitry via two
different output modes: Unipolar or Bipolar. If the Un-
ipolar (or Single Rail) mode is selected, then the con-
tents of the DS3 Frame is output, in a binary (NRZ
manner) data stream via the TxPOS pin to the LIU IC.
The TxNEG pin will only be used to denote the frame
boundaries. TxNEG will pulse "High" for one bit peri-
od, at the start of each new DS3 frame, and will re-
main "Low" for the remainder of the frame. Figure 67
presents an illustration of the TxPOS and TxNEG sig-
nals during data transmission while the Transmit DS3
LIU Interface block is operating in the Unipolar mode.
This mode is sometimes referred to as Single Rail
mode because the data pulses only exist in one po-
larity: positive.
When the Transmit DS3 LIU Interface block is operat-
ing in the Bipolar (or Dual Rail) mode, then the con-
tents of the DS3 Frame is output via both the TxPOS
and TxNEG pins. If the Bipolar mode is chosen, then
the DS3 data to the LIU can be transmitted via one of
two different line codes: Alternate Mark Inversion
(AMI) or Binary - 3 Zero Substitution (B3ZS). Each
one of these line codes will be discussed below. Bi-
FIGURE 66. A SIMPLE ILLUSTRATION OF THE TRANSMIT DS3 LIU INTERFACE BLOCK
From Transmit DS3
Framer Block
TxPOS
TxNEG
TxLineClk
Transmit DS3
LIU Interface
Block
FIGURE 67. THE BEHAVIOR OF TXPOS AND TXNEG SIGNALS DURING DATA TRANSMISSION WHILE THE TRANSMIT
DS3 LIU INTERFACE IS OPERATING IN THE UNIPOLAR MODE
TxPOS
TxNEG
TxLineClk
Data
1
0
1
1
0
0
1
0
0
1
1
1
0
1
0
1
0
0
1
1
1
0
0
1
Frame Boundary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com