Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 191 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 191 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 187Page - Exar Corporation XRT7250 Datasheet HTML 188Page - Exar Corporation XRT7250 Datasheet HTML 189Page - Exar Corporation XRT7250 Datasheet HTML 190Page - Exar Corporation XRT7250 Datasheet HTML 191Page - Exar Corporation XRT7250 Datasheet HTML 192Page - Exar Corporation XRT7250 Datasheet HTML 193Page - Exar Corporation XRT7250 Datasheet HTML 194Page - Exar Corporation XRT7250 Datasheet HTML 195Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
172
By default, the Transmit DS3 Framer block will set the
three (3) FEBE bit-fields to [1, 1, 1] if all of the follow-
ing conditions are true.
• The Local Receive DS3 Framer block detects no P-
Bit Errors.
• The Local Receive DS3 Framer block detects no
CP-Bit Errors
Conversely, the Transmit DS3 Framer block will set
the three (3) FEBE bit-fields to a value other than [1,
1, 1] if any one of the following conditions are true.
• The Local Receive DS3 Framer block detects a P-
bit Error in the most recently received DS3 frame.
• The Local Receive DS3 Framer block detects a
“CP” bit Error in the most recently received DS3
frame.
4.2.4.2.2
Generating Errored DS3 Frames
The Transmit DS3 Framer block permits the user to
insert errors into the framing and error detection over-
head bits (e.g., the P, M and F-bits) of the outbound
DS3 data stream in order to support Far-End Equip-
ment testing. The user can exercise this option by
writing data to any of the numerous Transmit DS3
Mask Registers. These Mask Registers and their
comprising bit-fields are defined below.
The bit-fields of the Tx DS3 M-bit Mask Register, that
are relevant to error-insertion are shaded. The re-
maining bit-fields pertain to the FEBE bit-fields, and
are discussed in Section 4.2.4.2.1.9.
The Tx DS3 M-Bit Mask Register serves two purpos-
es
1. It allows the user to transmit his/her own value for
FEBE (3 bits) - please see Section 4.2.4.2.1.9.
2. It allows the user to transmit errored P-bits.
3. It allows the user to insert errors into the M-bit
(framing bits) in order to support equipment test-
ing.
Each of these bit-fields are discussed below.
Bit 3 - Tx Err (Transmit Errored) P-Bit
This bit-field allows the user to insert errors into the
P-bits, of each outbound DS3 Frame, for equipment
testing purposes. If this bit-field is 0, then the P-Bits
are transmitted as calculated from the payload of the
previous DS3 frames. However, if this bit-field is 1,
then the P-bits are inverted (from their calculated val-
ue) prior to transmission.
Bits 2 - 0: M-Bit Mask[2:0]
The Transmit DS3 Framer will automatically perform
an XOR operation with the M-bits (in the DS3 data-
stream) and the contents of the corresponding bit-
field, within this register. The results of this operation
will be written back into the M-bit positions within the
outbound DS3 Frames. Therefore, to insure that no
errors are inserted into the M-bits, make sure that the
contents of the M-Bit Mask[2:0] bit-fields are 0.
F-Bit Error Insertion
The remaining mask registers (Tx DS3 F-Bit Mask1
through Mask4 registers) contain bit-fields which cor-
respond to each of the 28 F-bits, within the DS3
frame. Prior to transmission, these bit-fields are auto-
matically XORed with the contents of the correspond-
ing bit fields within these Mask Registers. The result
of this XOR operation is written back into the corre-
sponding bit-field, within the outgoing DS3 frame, and
is transmitted on the line. Therefore, if none of the
bits are to be modified, then these registers must con-
tain all 0s (the default value).
TX DS3 M-BIT MASK REGISTER, ADDRESS = 0X35
BIT 7BIT 6BIT 5BIT 4
BIT 3
BIT2
BIT 1
BIT 0
TxFEBE
DAT[2]
TxFEBE
DAT[1]
TxFEBE
DAT[0]
FEBE Reg
Enable
TxErr PBit
MBit Mask(2) MBit Mask(1) MBit Mask(0)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
XX
XX
X
X
X
X
TX DS3 F-BIT MASK1 REGISTER, ADDRESS = 0X36
BIT 7BIT 6BIT 5BIT 4BIT 3BIT2BIT 1BIT 0
Unused
Unused
Unused
Unused
FBit Mask(27) FBit Mask(26) FBit Mask(25) FBit Mask(24)
RO
RO
RO
RO
R/W
R/W
R/W
R/W
00
000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com