Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 187 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 187 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 183Page - Exar Corporation XRT7250 Datasheet HTML 184Page - Exar Corporation XRT7250 Datasheet HTML 185Page - Exar Corporation XRT7250 Datasheet HTML 186Page - Exar Corporation XRT7250 Datasheet HTML 187Page - Exar Corporation XRT7250 Datasheet HTML 188Page - Exar Corporation XRT7250 Datasheet HTML 189Page - Exar Corporation XRT7250 Datasheet HTML 190Page - Exar Corporation XRT7250 Datasheet HTML 191Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
168
If the user's local Data Link Equipment activates the
Transmit Overhead Data Input Interface block and
writes data into this interface for these bits, then the
Transmit DS3 Framer block will insert this data into
the appropriate overhead bit-fields, within the out-
bound DS3 frames.
Handling of Data from the Transmit HDLC Con-
troller block
The exact manner in how the Transmit DS3 Framer
handles data from the Transmit HDLC Controller
block depends upon whether the Transmit HDLC
Controller is transmitting BOS (Bit Oriented Signal-
ing) or MOS (Message Oriented Signaling) data.
If the Transmit DS3 HDLC Controller block is not acti-
vated, then the Transmit DS3 Framer block will insert
a “1” into each FEAC and “DL” bit-field, within each
outbound DS3 frame.
If the Transmit DS3 HDLC Controller block is activat-
ed, and is configured to transmit either a “BOS” or
“MOS” type message, then data will be inserted into
the FEAC and “DL” bit-fields as described in Section
3.2.3.
4.2.4.2
Detailed Functional Description of the
Transmit DS3 Framer Block
The Transmit DS3 Framer receives data from the fol-
lowing three sources and combines them together to
form a DS3 data stream.
• The Transmit Payload Data Input Interface block.
• The Transmit Overhead Data Input Interface block
• The Transmit HDLC Controller block.
Afterwards, this DS3 data stream will be routed to the
Transmit DS3 LIU Interface block, for further process-
ing.
Figure 64 presents a simple illustration of the Trans-
mit DS3 Framer block, along with the associated
paths to the other functional blocks within the chip.
In addition to taking data from multiple sources and
multiplexing them, in appropriate manner, to create
the outbound DS3 frames, the Transmit DS3 Framer
block has the following roles.
• Generating Alarm Conditions
• Generating Errored Frames (for testing purposes)
• Routing outbound DS3 frames to the Transmit DS3
LIU Interface block
Each of these additional roles are discussed below.
FIGURE 64. A SIMPLE ILLUSTRATION OF THE TRANSMIT DS3 FRAMER BLOCK AND THE ASSOCIATED PATHS TO
OTHER
FUNCTIONAL BLOCKS
Transmit
DS3 Framer
Block
Transmit
DS3 Framer
Block
Transmit HDLC
Controller/Buffer
Transmit Overhead
Data Input Interface
Transmit Payload Data
Input Interface
To Transmit DS3 LIU Interface Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com