Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 186 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 186 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 182Page - Exar Corporation XRT7250 Datasheet HTML 183Page - Exar Corporation XRT7250 Datasheet HTML 184Page - Exar Corporation XRT7250 Datasheet HTML 185Page - Exar Corporation XRT7250 Datasheet HTML 186Page - Exar Corporation XRT7250 Datasheet HTML 187Page - Exar Corporation XRT7250 Datasheet HTML 188Page - Exar Corporation XRT7250 Datasheet HTML 189Page - Exar Corporation XRT7250 Datasheet HTML 190Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
167
This action will prevent the LAPD Transmitter from
generating its own one-second interrupts.
2. Enable the One-Second Interrupt
This can be done by writing a "1" into Bit 0 of the
Block Interrupt Enable Register, as depicted below.
3. Write the new message into the Transmit LAPD
Message buffer immediately after the occurrence
of the One-Second interrupt.
By timing the writes to the Transmit LAPD Message
buffer to occur immediately after the occurrence of
the One-Second interrupt, the user avoids conflicting
with the one-second transmissions of the LAPD Mes-
sage, and will transmit the correct messages to the
remote LAPD Receiver.
4.2.4
The Transmit DS3 Framer Block
4.2.4.1
Brief Description of the Transmit DS3
Framer
The Transmit DS3 Framer block accepts data from
any of the following three sources, and uses it to form
the DS3 data stream.
• The Transmit Payload Data Input block
• The Transmit Overhead Data Input block
• The Transmit HDLC Controller block
• The Internal Overhead Data Generator
The manner in how the Transmit DS3 Framer block
handles data from each of these sources is described
below.
Handling of data from the Transmit Payload Data
Input Interface
For DS3 applications, all data that is input to the
Transmit Payload Data Input Interface will be inserted
into the payload bit positions within the outbound DS3
frames.
Handling of data from the Internal Overhead Bit
Generator
By default, the Transmit DS3 Framer block will inter-
nally generate the overhead bits. However, if the Ter-
minal Equipment inserts its own values for the over-
head bits (via the Transmit Overhead Data Input Inter-
face) or, if the user enables and employs the Transmit
DS3 HDLC Controller block, then these internally
generated overhead bits will be overwritten.
Handling of data from the Transmit Overhead Da-
ta Input Interface
For DS3 applications, the Transmit DS3 Framer block
automatically generates and inserts the framing align-
ment bits (e.g., the F and M bits) into the outbound
DS3 frames. Further, the Transmit DS3 Framer block
will automatically compute and insert the P-bits into
the outbound DS3 frames. Hence, the Transmit DS3
Framer block will not accept data from the Transmit
OH Data Input Interface block for the F, M and P bits.
However, the Transmit DS3 Framer block will accept
(and insert) data from the Transmit Overhead Data In-
put Interface for the following bit-fields.
• X-bits
• FEBE bits
• FEAC bits
• DL bits
• UDL bits
• CP bits
FRAMER OPERATING MODE REGISTER (ADDRESS = 0X00)
BIT 7BIT 6BIT 5BIT 4
BIT 3BIT2BIT 1BIT 0
Local Loop-
back
DS3/E3*
Internal
LOS
Enable
RESET
Interrupt
Enable
Reset
Frame
Format
TimRefSel[1:0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0
110
1X
X
X
BLOCK INTERRUPT ENABLE REGISTER (ADDRESS = 0X04)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT2BIT 1
BIT 0
RxDS3/E3
Interrupt
Enable
Not Used
TxDS3/E3
Interrupt
Enable
One Second
Interrupt
Enable
R/W
RORO
RO
RORO
R/W
R/W
0
0000
00
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com