Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 183 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 183 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 179Page - Exar Corporation XRT7250 Datasheet HTML 180Page - Exar Corporation XRT7250 Datasheet HTML 181Page - Exar Corporation XRT7250 Datasheet HTML 182Page - Exar Corporation XRT7250 Datasheet HTML 183Page - Exar Corporation XRT7250 Datasheet HTML 184Page - Exar Corporation XRT7250 Datasheet HTML 185Page - Exar Corporation XRT7250 Datasheet HTML 186Page - Exar Corporation XRT7250 Datasheet HTML 187Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
164
The 16 bit FCS (Frame Check Sequence) is calculat-
ed over the LAPD Message Header and Information
Payload bytes, by using the CRC-16 polynomial, x16
+ x12 + x5 + 1.
Operation of the LAPD Transmitter
If a message is to be transmitted via the LAPD Trans-
mitter, the information portion (or the body) of the
message must be written into the Transmit LAPD
Message Buffer, which is located at 0x86 through
0xDD in on-chip RAM via the Microprocessor Inter-
face. Afterwards, the user must do three things:
1. Specify the length of LAPD message to be trans-
mitted.
2. Enable the LAPD Transmitter.
3. Initiate the Transmission of the PMDL Message.
Each of these steps will be discussed in detail.
STEP 1 - Specifying the Length of the LAPD Mes-
sage
One of two different sizes of LAPD Messages can be
transmitted. This is accomplish by writing the appro-
priate data to bit 1 within the Tx DS3 LAPD Configu-
ration Register. The bit-format of this register is pre-
sented below.
The relationship between the contents of bit-fields 1
and the LAPD Message size is given in Table 25.
NOTE: The Message Type selected must correspond with
the contents of the first byte of the Information (Payload)
portion, as presented in Table 24.
STEP 2 - Enabling the LAPD Transmitter
Prior to the transmission of any data via the LAPD
Transmitter the LAPD Transmitter must be enabled.
This is accomplish this by writing a 1 to bit 0 of the Tx
DS3 LAPD Configuration Register, as depicted be-
low.
Bit 0 - TxLAPD Enable
This bit-field allow the user to enable or disable the
LAPD Transmitter in accordance with Table 26.
TRANSMIT DS3 LAPD CONFIGURATION REGISTER (ADDRESS = 0X33)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT2
BIT 1BIT 0
Not Used
Auto
Retransmit
Not Used
TxLAPD
Msg Length
TxLAPD
Enable
R/O
R/O
R/O
R/O
R/W
R/O
R/W
R/W
00
00
X
0
XX
TABLE 25: RELATIONSHIP BETWEEN TXLAPD MSG
LENGTH AND THE LAPD MESSAGE SIZE
TXLAPD MSG LENGTH
LAPD MESSAGE LENGTH
0
LAPD Message size is 76 bytes
1
LAPD Message size is 82 bytes
TRANSMIT DS3 LAPD CONFIGURATION REGISTER (ADDRESS = 0X33)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT2BIT 1
BIT 0
Not Used
Auto
Retransmit
Not Used
TxLAPD
Msg Length
TxLAPD
Enable
R/O
R/O
R/O
R/O
R/W
R/O
R/W
R/W
00
00
X
0
X
1
TABLE 26: RELATIONSHIP BETWEEN TXLAPD MSG LENGTH AND THE LAPD MESSAGE SIZE
TXLAPD ENABLE
RESULTING ACTION OF THE LAPD TRANSMITTER
0
The LAPD Transmitter is disabled and the DL bits, in the DS3 frame,
are transmitted as all 1s.
1
The LAPD Transmitter is enabled and is transmitting a continuous
stream of Flag Sequence octets (0x7E).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com