Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 185 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 185 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 181Page - Exar Corporation XRT7250 Datasheet HTML 182Page - Exar Corporation XRT7250 Datasheet HTML 183Page - Exar Corporation XRT7250 Datasheet HTML 184Page - Exar Corporation XRT7250 Datasheet HTML 185Page - Exar Corporation XRT7250 Datasheet HTML 186Page - Exar Corporation XRT7250 Datasheet HTML 187Page - Exar Corporation XRT7250 Datasheet HTML 188Page - Exar Corporation XRT7250 Datasheet HTML 189Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
166
subsequent "0" from the payload portion of the incoming
LAPD message.
Figure 63 presents a flow chart depicting the proce-
dure (in 'white boxes') that the user should use in or-
der to transmit a LAPD message. This figure also in-
dicates (via the shaded boxes) what the LAPD Trans-
mitter circuitry will do before and during message
transmission.
The Mechanics of Transmitting a New LAPD Mes-
sage
As mentioned above, after the LAPD Transmitter has
been enabled, and commanded to transmit the mes-
sage, residing in the Transmit LAPD Message buffer,
it will continue to transmit this message at one-sec-
ond intervals. If another (e.g., different) PMDL mes-
sage is to be transmitted to the Remote LAPD Re-
ceiver, the new message will have to be written into
the Transmit LAPD Message buffer, via the Micropro-
cessor Interface section of the Framer. However,
care must be taken when writing in this new mes-
sage. If this message is written into the Transmit
LAPD Message buffer at the wrong time (with respect
to these one-second transmissions), the user's action
could interfere with these transmissions, thereby
causing the LAPD Transmitter to transmit a corrupted
message to the Remote LAPD Receiver. In order to
avoid this problem, while writing the new message in-
to the Transmit LAPD Message buffer, the user
should do the following:
1. Configure the Framer to automatically reset acti-
vated interrupts
This can be done by writing a "1" into Bit 3 of the
Framer Operating Mode Register, as depicted below.
FIGURE 63. FLOW CHART DEPICT HOW TO USE THE LAPD TRANSMITTER
START
START
WRITE IN DATA LINK INFORMATION
The user accomplishes this by writing the
information that he/she wishes to transmit
(via the LAPD Transmitter) to locations 0x86
through 0xDD, within the Framer Address Space.
ENABLE THE LAPD
TRANSMITTER FOR TRANSMISSION
This is accomplished by writing 00000xx1b
to the Tx DS3 LAPD Configuration Register.
(where xx dictates LAPD Message Length)
INITIATE TRANSMISSION OF LAPD
MESSAGE
This is accomplished by writing 000010x0b
to the Tx DS3 LAPD Status/Interrupt
Register. (where x indicates the user’s choice
to enable/disable “LAPD Message Transfer
Complete” Interrupt
LAPD Transmitter inserts Frame Header
octets in front of the user payload.
LAPD Transmitter computes the 16 bit FCS
(a CRC-16 value) and inserts it into the LAPD
Message, following the user payload
LAPD Transmitter appends a Flag Sequence
Trailer octet to the end of the LAPD Message
(after the 16 bit FCS).
Is
5 consecutive
“1s” detected
?
Is
Message
Transmission
Complete
?
Insert a “0” after the
string of 5 consecutive
“1s”
END
Generate Interrupt
LAPD Transmitter will
continue to transmit
Flag Sequence octets.
Yes
No
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com